Electronic Components Datasheet Search
  English  ▼

X  

DS1603 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1603
Description  Elapsed Time Counter Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1603 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1603 Datasheet HTML 1Page - Dallas Semiconductor DS1603 Datasheet HTML 2Page - Dallas Semiconductor DS1603 Datasheet HTML 3Page - Dallas Semiconductor DS1603 Datasheet HTML 4Page - Dallas Semiconductor DS1603 Datasheet HTML 5Page - Dallas Semiconductor DS1603 Datasheet HTML 6Page - Dallas Semiconductor DS1603 Datasheet HTML 7Page - Dallas Semiconductor DS1603 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1603
2 of 8
clock input. After the first eight clock cycles have loaded the protocol register with a valid protocol
additional clocks will output data for a read or input data for a write. VCC must be present to access the
DS1603. If VCC < the internal power supply (approximately 3.0 volts) the DS1603 will switch to internal
power and disable the serial port to conserve energy. When running off of the internal power supply, only
the continuous counter will continue to count and the counter powered by VCC will stop, but retain the
count which had accumulated when VCC power was lost.
PROTOCOL REGISTER
The protocol bit definition is shown in Figure 2. Valid protocols and the resulting actions are shown in
Table 1. Each data transfer to the protocol register designates what action is to occur. As defined, the
MSB (bit 7 which is designated ACC) selects the 32–bit continuous counter for access. If ACC is a
logical 1 the continuous counter is selected and the 32 clock cycles that follow the protocol will either
read or write this counter. If the counter is being read, the contents will be latched into a different register
at the end of protocol and the latched contents will be read out on the next 32 clock cycles. This avoids
reading garbled data if the counter is clocked by the oscillator during a read. Similarly, if the counter is to
be written, the data is buffered in a register and all 32 bits are jammed into the counter simultaneously on
the rising edge of the 32
nd clock. The next bit (bit 6 which is designated AVC) selects the 32–bit V
CC
active counter for access. If AVC is a logical 1 this counter is selected and the 32 clock cycles that follow
will either read or write this counter. If both bit 7 and bit 6 are written to a logic high, all clock cycles
beyond the protocol are ignored and bit 5, 4, and 3 are loaded into the oscillator trim register. A value of
binary 3 (011) will give a clock accuracy of
±120 seconds per month at 25°C. Increasing the binary
number towards 7 will cause the real time clock to run faster. Conversely, lowering the binary number
towards 0 will cause the clock to run slower. Binary 000 will stop the oscillator completely. This feature
can be used to conserve battery life during storage. In this mode the internal power supply current is
reduced to 100 nA maximum. In applications where oscillator trimming is not practical or not needed, a
default setting of 011 is recommended. Bit 2 of protocol (designated CCC) is used to clear the continuous
counter. When set to logic 1, the continuous counter will reset to 0 when RST is taken low. Bit 1 of
protocol (designated CVC) is used to clear the VCC active counter. When set to logical 1, the VCC active
counter will reset to 0 when RST is taken low. Both counters can be reset simultaneously by setting CCC
and CVC both to a logical 1. Bit 0 of the protocol (designated RD) determines whether the 32 clocks to
follow will write a counter or read a counter. When RD is set to a logical 0 a write action will follow
when RD is set to a logical 1 a read action will follow. When sending the protocol, 8 bits should always
be sent. Sending less than 8 bits can produce erroneous results. If clearing the counters or trimming the
oscillator, the data transfer can be terminated after the 8–bit protocol is sent. However, when reading or
writing the counters, 32 clock cycles should always follow the protocol.
RESET AND CLOCK CONTROL
All data transfers are initiated by driving the RST input high. The RST input has two functions. First,
RST
turns on the serial port logic which allows access to the protocol register for the protocol data entry.
Second, the RST signal provides a method of terminating the protocol transfer or the 32–bit counter
transfer. A clock cycle is a sequence of a falling edge followed by a rising edge. For write inputs, data
must be valid during the rising edge of the clock. Data bits are output on the falling edge of the clock
when data is being read. All data transfers terminate if the RST input is transitioned low and the DQ pin
goes to a high impedance state. RST should only be transitioned low while the clock is high to avoid
disturbing the last bit of data. All data transfers must consist of 8 bits when transferring protocol only or 8
+ 32 bits when reading or writing either counter. Data transfer is illustrated in Figure 3.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com