Electronic Components Datasheet Search
  English  ▼

X  

DS1609 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1609
Description  Dual Port RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1609 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1609 Datasheet HTML 1Page - Dallas Semiconductor DS1609 Datasheet HTML 2Page - Dallas Semiconductor DS1609 Datasheet HTML 3Page - Dallas Semiconductor DS1609 Datasheet HTML 4Page - Dallas Semiconductor DS1609 Datasheet HTML 5Page - Dallas Semiconductor DS1609 Datasheet HTML 6Page - Dallas Semiconductor DS1609 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS1609
Dual Port RAM
DS1609
020499 1/7
FEATURES
• Totally asynchronous 256–byte dual port memory
• Multiplexed address and data bus keeps pin count
low
• Dual port memory cell allows random access with
minimum arbitration
• EachporthasstandardindependentRAMcontrolsig-
nals
• Fast access time
• Low power CMOS design
• 24–pin DIP or 24–pin SOIC surface mount package
• Both CMOS and TTL compatible
• Operating temperature of –40°C to +85°C
• Standby current of 100 nA @ 25°C makes the device
ideal for battery backup or battery operate applica-
tions.
PIN ASSIGNMENT
DS1609S
24–PIN SOIC (300 MIL)
VCC
OEB
CEB
WEB
AD0B
AD1B
AD2B
AD3B
AD4B
AD5B
AD6B
AD7B
AD7A
AD6A
AD5A
AD4A
AD3A
AD2A
AD1A
AD0A
WEA
CEA
OEA
GND
PORT A
DS1609
24–PIN DIP (600 MIL)
PORT A
PORT B
VCC
OEB
CEB
WEB
AD0B
AD1B
AD2B
AD3B
AD4B
AD5B
AD6B
AD7B
AD7A
AD6A
AD5A
AD4A
AD3A
AD2A
AD1A
AD0A
WEA
CEA
OEA
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
See Mech. Drawings
Section
See Mech. Drawings
Section
PORT B
PIN DESCRIPTION
AD0–AD7
– Port address/data
CE
– Port enable
WE
– Write enable
OE
– Output enable
VCC
– +5 volt supply
GND
– Ground
DESCRIPTION
The DS1609 is a random access 256–byte dual port
memory designed to connect two asyncronous ad-
dress/data buses together with a common memory ele-
ment.
Both ports have unrestricted access to all
256 bytes of memory, and with modest system disci-
pline no arbitration is required. Each port is controlled
by three control signals: output enable, write enable,
and port enable. The device is packaged in plastic
24–pin DIP and 24–pin SOIC. Output enable access
time of 50 ns is available when operating at 5 volts.


Similar Part No. - DS1609

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1609 MAXIM-DS1609 Datasheet
86Kb / 7P
Dual Port RAM
020499
More results

Similar Description - DS1609

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132 Datasheet
339Kb / 18P
2Kx8 Dual-Port Static RAM
March 27, 1997
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
1Kx8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Maxim Integrated Produc...
DS1609 MAXIM-DS1609 Datasheet
86Kb / 7P
Dual Port RAM
020499
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com