Electronic Components Datasheet Search
  English  ▼

X  

DS1616 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1616
Description  Temperature and Three Input MUX?셞d 8-bit Data Recorder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1616 Datasheet HTML 4Page - Dallas Semiconductor DS1616 Datasheet HTML 5Page - Dallas Semiconductor DS1616 Datasheet HTML 6Page - Dallas Semiconductor DS1616 Datasheet HTML 7Page - Dallas Semiconductor DS1616 Datasheet HTML 8Page - Dallas Semiconductor DS1616 Datasheet HTML 9Page - Dallas Semiconductor DS1616 Datasheet HTML 10Page - Dallas Semiconductor DS1616 Datasheet HTML 11Page - Dallas Semiconductor DS1616 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DS1616
8 of 29
DS1616 TEMPERATURE HISTOGRAM DATA BINS Figure 2d
Address
Register
800
-40°C Data Bin (LSB)
801
-40°C Data Bin (MSB)
802
-38°C Data Bin (LSB)
803
-38°C Data Bin (LSB)
804
↓
87B
↓
87C
82°C Data Bin (LSB)
87D
82°C Data Bin (MSB)
87E
84°C Data Bin (LSB)
87F
84°C Data Bin (MSB)
DS1616 ADC DATA HISTOGRAM DATA BINS Figure 2e
Address
Register
880
Channel 1 Code 00-03h Data Bin (LSB)
881
Channel 1 Code 00-03h Data Bin (MSB)
882
Channel 1 Code 04-07h Data Bin (LSB)
883
Channel 1 Code 04-07h Data Bin (MSB)
884
↓
8FB
↓
8FC
Channel 1 Code F8-FBh Data Bin (LSB)
8FD
Channel 1 Code F8-FBh Data Bin (MSB)
8FE
Channel 1 Code FC-FFh Data Bin (LSB)
8FF
Channel 1 Code FC-FFh Data Bin (MSB)
THERMAL SENSOR
The key to temperature monitoring in the DS1616 is an integrated thermal sensor. The thermal sensor
can measure temperature from -40
°C to +85°C in 0.5°C increments (Fahrenheit equivalent is -40°F to
+183.2
°F in 1.8°F increments). The thermal sensor provides an accuracy of ±2°C.
The thermal sensor is enabled by setting the CS0 bit of the Control 2 register to a logic 1. If the CS0 bit
is a logic 0, the thermal sensor will not be activated during a datalogging mission or for an individual
Read Data command. If CS0 = 0, the value in the Current Temperature register will be 11111111b.
The format of temperature data is defined such that the temperature value is maintained in a single byte of
data. Table 1 illustrates the format of the temperature data byte format. The values of T[7..0] range from
00000000b (for -40
°C) to 11111010b (for +85°C). Each increment in the value of T[7..0] represents an
increase in temperature of 0.5
°C. The following simple formula can be used to translate the temperature
data byte value into degrees Celsius:
°C = 0.5(T[7..0]) - 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com