Electronic Components Datasheet Search
  English  ▼

X  

DS1616 Datasheet(PDF) 28 Page - Dallas Semiconductor

Part # DS1616
Description  Temperature and Three Input MUX?셞d 8-bit Data Recorder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616 Datasheet(HTML) 28 Page - Dallas Semiconductor

Back Button DS1616 Datasheet HTML 21Page - Dallas Semiconductor DS1616 Datasheet HTML 22Page - Dallas Semiconductor DS1616 Datasheet HTML 23Page - Dallas Semiconductor DS1616 Datasheet HTML 24Page - Dallas Semiconductor DS1616 Datasheet HTML 25Page - Dallas Semiconductor DS1616 Datasheet HTML 26Page - Dallas Semiconductor DS1616 Datasheet HTML 27Page - Dallas Semiconductor DS1616 Datasheet HTML 28Page - Dallas Semiconductor DS1616 Datasheet HTML 29Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
DS1616
28 of 29
SYNCHRONOUS (3-WIRE) SERIAL INTERFACE TIMING
(-40
°C to +85°C; Vcc = 5.0V ±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to SCLK Setup
tDC
50
ns
3
Data to SCLK Setup
tDC
50
ns
3
SCLK to Data Hold
tCDH
70
ns
3
SCLK to Data Delay
tDD
200
ns
3,4,5
SCLK Low Time
tCL
250
ns
3
SCLK High Time
tCH
250
ns
3
SCLK Frequency
tCLK
DC
2.0
MHz
3
SCLK Rise and Fall
tR, tF
500
ns
RST
to SCLK Setup
tCC
1
µs
3
SCLK to RST Hold
tCCH
60
ns
3
RST
Inactive Time
tCWH
1
µs
3
RST
to I/O High Z
tCDZ
70
ns
3, 7
SCLK to I/O High Z
tCCZ
70
ns
3, 7
NOTES:
1. All voltages are referenced to ground,
2. The data rate fBIT is equal to 1/tBIT
3. Measured with VIH = 3.0V or VIL = 0V.
4. Measured at VOH=2.4V or VOL=0.4V.
5. Load Capacitance = 50 pF.
6. Thermometer error reflects temperature error as tested during calibration.
7. Sampled with 5 pF load. Not 100% tested.
8. The internal reference of 2.04V is set so that the ADC will work down to the minimum battery
voltage of 2.7V. The ADC input voltage must not be greater than the battery voltage.
9. The Integral Non-linearity does not take into consideration the tolerance of the Voltage Reference.
ASYNCHRONOUS SERIAL INTERFACE TIMING Figure 5
RX
TX
DATA
START
STOP
DATA
START
STOP
t
TURN
t
BIT
t
BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com