Electronic Components Datasheet Search
  English  ▼

X  

DS1624 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1624
Description  Digital Thermometer and Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1624 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1624 Datasheet HTML 1Page - Dallas Semiconductor DS1624 Datasheet HTML 2Page - Dallas Semiconductor DS1624 Datasheet HTML 3Page - Dallas Semiconductor DS1624 Datasheet HTML 4Page - Dallas Semiconductor DS1624 Datasheet HTML 5Page - Dallas Semiconductor DS1624 Datasheet HTML 6Page - Dallas Semiconductor DS1624 Datasheet HTML 7Page - Dallas Semiconductor DS1624 Datasheet HTML 8Page - Dallas Semiconductor DS1624 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
072099
FEATURES
§ Temperature measurements require no
external components
§ Measures temperatures from -55°C to +125°C
in 0.03125°C increments. Fahrenheit
equivalent is -67°F to +257°F in 0.05625°F
increments
§ Temperature is read as a 13-bit value (two
byte transfer)
§ Converts temperature to digital word in 1
second (max)
§ 256 bytes of E2 memory on board for storing
information such as frequency compensation
coefficients
§ Data is read from/written via a 2-wire serial
interface (open drain I/O lines)
§ Applications include temperature-
compensated crystal oscillators for test
equipment and radio systems
§ 8-pin DIP or SOIC packages
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
GND - Ground
A0
- Chip Address Input
A1
- Chip Address Input
A2
- Chip Address Input
VDD
- Digital Power Supply (+3V - +5V)
NC
- No Connection
DESCRIPTION
The DS1624 consists of a digital thermometer and 256 bytes of E
2 memory. The thermometer provides
13-bit temperature readings which indicate the temperature of the device. The E
2 memory allows a user to
store frequency compensation coefficients for digital correction of crystal frequency due to temperature.
Any other type of information may also reside in this user space.
DS1624
Digital Thermometer and Memory
www.dalsemi.com
6
3
1
2
4
8
7
5
SDA
SCL
NC
GND
VDD
A0
A1
A2
DS1624S 8-PIN SOIC (208 MIL)
See Mech Drawings Section
6
3
1
2
4
8
7
5
SDA
SCL
NC
GND
VDD
A0
A1
A2
DS1624 8-PIN DIP (300 MIL)
See Mech Drawings Section


Similar Part No. - DS1624

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624+ MAXIM-DS1624+ Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624+ MAXIM-DS1624+ Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS1624S+ MAXIM-DS1624S+ Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1624S+ MAXIM-DS1624S+ Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
More results

Similar Description - DS1624

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 3/08
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
Digital Thermometer and Memory
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com