Electronic Components Datasheet Search
  English  ▼

X  

DS1624 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1624
Description  Digital Thermometer and Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1624 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1624 Datasheet HTML 1Page - Dallas Semiconductor DS1624 Datasheet HTML 2Page - Dallas Semiconductor DS1624 Datasheet HTML 3Page - Dallas Semiconductor DS1624 Datasheet HTML 4Page - Dallas Semiconductor DS1624 Datasheet HTML 5Page - Dallas Semiconductor DS1624 Datasheet HTML 6Page - Dallas Semiconductor DS1624 Datasheet HTML 7Page - Dallas Semiconductor DS1624 Datasheet HTML 8Page - Dallas Semiconductor DS1624 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1624
2 of 16
DETAILED PIN DESCRIPTION Table 1
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port.
2
SCL
Clock input/output pin for 2-wire serial communication port.
3
NC
No connect. No Internal Connection.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply Voltage 2.7V to 5.5V input power pin.
OVERVIEW
A block diagram of the DS1624 is shown in Figure 1. The DS1624 consists of two separate functional
units: 1) a 256–byte nonvolatile E
2 memory, and 2) a direct–to–digital temperature sensor.
The nonvolatile memory is made up of 256 bytes of E
2 memory. This memory may be used to store any
type of information the user wishes; for example, frequency compensation coefficients may be placed in
this memory to allow for compensation of measured frequency depending upon the temperature at which
the measurement is made. These memory locations are accessed through the 2–wire serial bus.
The direct to digital temperature sensor allows the DS1624 to measure the ambient temperature and
report the temperature value in a 13–bit word, with 0.03125
°C resolution. The temperature sensor and its
related registers are accessed through the 2–wire serial interface.
DS1624 FUNCTIONAL BLOCK DIAGRAM Figure 1
STATUS REGISTER &
CONTROL LOGIC
TEMPERATURE SENSOR
EEPROM MEMORY (256 BYTES)
ADDRESS
AND
I/O CONTROL
VDD
SCL
SDA
A1
A2
A0
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com