Electronic Components Datasheet Search
  English  ▼

X  

DS1244P Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1244P
Description  256k NV SRAM with Phantom Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1244P Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1244P Datasheet HTML 2Page - Dallas Semiconductor DS1244P Datasheet HTML 3Page - Dallas Semiconductor DS1244P Datasheet HTML 4Page - Dallas Semiconductor DS1244P Datasheet HTML 5Page - Dallas Semiconductor DS1244P Datasheet HTML 6Page - Dallas Semiconductor DS1244P Datasheet HTML 7Page - Dallas Semiconductor DS1244P Datasheet HTML 8Page - Dallas Semiconductor DS1244P Datasheet HTML 9Page - Dallas Semiconductor DS1244P Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS1244/DS1244P
6 of 19
Figure 2. PHANTOM CLOCK REGISTER DEFINITION
AM/PM/12/24 MODE
Bit 7 of the hours register is defined as the 12-hour or 24-hour mode-select bit. When high, the 12-hour
mode is selected. In the 12-hour mode, bit 5 is the AM/PM bit with logic high being PM. In the 24-hour
mode, bit 5 is the second 10-hour bit (20–23 hours).
OSCILLATOR AND RESET BITS
Bits 4 and 5 of the day register are used to control the RESET and oscillator functions. Bit 4 controls the
RESET
(pin 1). When the RESET bit is set to logic 1, the RESET input pin is ignored. When the RESET
bit is set to logic 0, a low input on the RESET pin will cause the phantom clock to abort data transfer
without changing data in the watch registers. Bit 5 controls the oscillator. When set to logic 1, the
oscillator is off. When set to logic 0, the oscillator turns on and the watch becomes operational. These
bits are shipped from the factory set to a logic 1.
ZERO BITS
Registers 1, 2, 3, 4, 5, and 6 contain one or more bits that always read logic 0. When writing these
locations, either a logic 1 or 0 is acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com