Electronic Components Datasheet Search
  English  ▼

X  

DS1244P Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1244P
Description  256k NV SRAM with Phantom Clock
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1244P Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1244P Datasheet HTML 3Page - Dallas Semiconductor DS1244P Datasheet HTML 4Page - Dallas Semiconductor DS1244P Datasheet HTML 5Page - Dallas Semiconductor DS1244P Datasheet HTML 6Page - Dallas Semiconductor DS1244P Datasheet HTML 7Page - Dallas Semiconductor DS1244P Datasheet HTML 8Page - Dallas Semiconductor DS1244P Datasheet HTML 9Page - Dallas Semiconductor DS1244P Datasheet HTML 10Page - Dallas Semiconductor DS1244P Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS1244/DS1244P
7 of 19
BATTERY LONGEVITY
The DS1244 has a lithium power source that is designed to provide energy for clock activity and clock
and RAM data retention when the VCC supply is not present. The capability of this internal power supply
is sufficient to power the DS1244 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at +25
°C with the internal clock oscillator running
in the absence of VCC power. Each DS1244 is shipped from Dallas Semiconductor with its lithium energy
source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than
VPF , the lithium energy source is enabled for battery-backup operation. Actual life expectancy of the
DS1244 will be much longer than 10 years since no lithium battery energy is consumed when VCC is
present.
See “Conditions of Acceptability” at http://www.maxim-ic.com/TechSupport/QA/ntrl.htm.
CLOCK ACCURACY (DIP MODULE)
The DS1244 is guaranteed to keep time accuracy to within
±1 minute per month at +25°C. The clock is
calibrated at the factory by Dallas Semiconductor using special calibration nonvolatile tuning elements
and does not require additional calibration. For this reason, methods of field clock calibration are not
available and not necessary.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1244P and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within
±1.53 minutes per month (35ppm) at +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com