Electronic Components Datasheet Search
  English  ▼

X  

DS1643 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1643
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1643 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1643 Datasheet HTML 1Page - Dallas Semiconductor DS1643 Datasheet HTML 2Page - Dallas Semiconductor DS1643 Datasheet HTML 3Page - Dallas Semiconductor DS1643 Datasheet HTML 4Page - Dallas Semiconductor DS1643 Datasheet HTML 5Page - Dallas Semiconductor DS1643 Datasheet HTML 6Page - Dallas Semiconductor DS1643 Datasheet HTML 7Page - Dallas Semiconductor DS1643 Datasheet HTML 8Page - Dallas Semiconductor DS1643 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1643
041697 3/11
DS1643 TRUTH TABLE Table 1
VCC
CE
CE2
OE
WE
MODE
DQ
POWER
5 VOLTS
10%
VIH
X
X
X
DESELECT
HIGH Z
STANDBY
5 VOLTS
10%
X
VIL
X
X
DESELECT
HIGH Z
STANDBY
5 VOLTS
± 10%
VIL
VIH
X
VIL
WRITE
DATA IN
ACTIVE
VIL
VIH
VIL
VIH
READ
DATA OUT
ACTIVE
VIL
VIH
VIH
VIH
READ
HIGH Z
ACTIVE
<4.5 VOLTS
>VBAT
X
X
X
X
DESELECT
HIGH Z
CMOS STANDBY
<VBAT
X
X
X
X
DESELECT
HIGH Z
DATA RETENTION
MODE
SETTING THE CLOCK
The 8–bit of the control register is the write bit. Setting
the write bit to a one, like the read bit, halts updates to
the DS1643 registers. The user can then load them with
the correct day, date and time data in 24 hour BCD for-
mat. Resetting the write bit to a zero then transfers
those values to the actual clock counters and allows
normal operation to resume.
STOPPING AND STARTING THE CLOCK
OSCILLATOR
The clock oscillator may be stopped at any time. To in-
crease the shelf life, the oscillator can be turned off to
minimize current drain from the battery. The OSC bit is
the MSB for the seconds registers. Setting it to a 1 stops
the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the
frequency test bit is set to logic “1” and the oscillator is
running, the LSB of the seconds register will toggle at
512 Hz. When the seconds register is being read, the
DQ0 line will toggle at the 512 Hz frequency as long as
conditions for access remain valid (i.e., CE low, OE low,
CE2 high, and address for seconds register remain valid
and stable).
CLOCK ACCURACY
The DS1643 is guaranteed to keep time accuracy to
within
±1 minute per month at 25°C. The clock is cali-
brated at the factory by Dallas Semiconductor using
special calibration nonvolatile tuning elements. The
DS1643 does not require additional calibration and tem-
perature deviations will have a negligible effect in most
applications. For this reason, methods of field clock cal-
ibration are not available and not necessary. Attempts
to calibrate the clock that may be used with similar de-
vice types (MK48T08 family) will not have any effect
even though the DS1643 appears to accept calibration
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com