Electronic Components Datasheet Search
  English  ▼

X  

DS1643 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1643
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1643 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1643 Datasheet HTML 1Page - Dallas Semiconductor DS1643 Datasheet HTML 2Page - Dallas Semiconductor DS1643 Datasheet HTML 3Page - Dallas Semiconductor DS1643 Datasheet HTML 4Page - Dallas Semiconductor DS1643 Datasheet HTML 5Page - Dallas Semiconductor DS1643 Datasheet HTML 6Page - Dallas Semiconductor DS1643 Datasheet HTML 7Page - Dallas Semiconductor DS1643 Datasheet HTML 8Page - Dallas Semiconductor DS1643 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1643
041697 4/11
DS1643 REGISTER MAP – BANK1 Table 2
ADDRESS
DATA
FUNCTION
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
1FFF
–
–
–
–
–
–
–
–
YEAR
00–99
1FFE
X
X
X
–
–
–
–
–
MONTH
01–12
1FFD
X
X
–
–
–
–
–
–
DATE
01–31
1FFC
X
FT
X
X
X
–
–
–
DAY
01–07
1FFB
X
X
–
–
–
–
–
–
HOUR
00–23
1FFA
X
–
–
–
–
–
–
–
MINUTES
00–59
1FF9
OSC
–
–
–
–
–
–
–
SECONDS
00–59
1FF8
W
R
X
X
X
X
X
X
CONTROL
A
OSC = STOP BIT
R
=
READ BIT
FT =
FREQUENCY TEST
W
= WRITE BIT
X
=
UNUSED
NOTE:
All indicated “X” bits are not dedicated to any particular function and can be used as normal RAM bits.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1643 is in the read mode whenever WE (write
enable) is high and CE (chip enable) is low. The device
architecture allows ripple-through access to any of the
address locations in the NV SRAM. Valid data will be
available at the DQ pins within tAA after the last address
input is stable, providing that the CE and OE access
times and states are satisfied. If CE or OE access times
are not met, valid data will be available at the latter of
chip enable access (tCEA) or at output enable access
time (tOEA). The state of the data input/output pins (DQ)
is controlled by CE and OE. If the outputs are activated
before tAA, the data lines are driven to an intermediate
state until tAA. If the address inputs are changed while
CE and OE remain valid, output data will remain valid for
output data hold time (tOH) but will then go indeterminate
until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1643 is in the write mode whenever WE and CE
are in their active state. The start of a write is referenced
to the latter occurring transition of WE or CE. The ad-
dresses must be held valid throughout the cycle. CE or
WE must return inactive for a minimum of tWR prior to
the initiation of another read or write cycle. Data in must
be valid tDS prior to the end of write and remain valid for
tDH afterward. In a typical application, the OE signal will
be high during a write cycle. However, OE can be active
provided that care is taken with the data bus to avoid bus
contention. If OE is low prior to WE transitioning low the
data bus can become active with read data defined by
the address inputs. A low transition on WE will then dis-
able the outputs tWEZ after WE goes active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com