Electronic Components Datasheet Search
  English  ▼

X  

ICS8536-01 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536-01 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS8536-01 Datasheet HTML 13Page - Integrated Device Technology ICS8536-01 Datasheet HTML 14Page - Integrated Device Technology ICS8536-01 Datasheet HTML 15Page - Integrated Device Technology ICS8536-01 Datasheet HTML 16Page - Integrated Device Technology ICS8536-01 Datasheet HTML 17Page - Integrated Device Technology ICS8536-01 Datasheet HTML 18Page - Integrated Device Technology ICS8536-01 Datasheet HTML 19Page - Integrated Device Technology ICS8536-01 Datasheet HTML 20Page - Integrated Device Technology ICS8536-01 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Sales
800-345-7015 (inside USA)
+408-284-8200 (outside USA)
Fax: 408-284-2775
www.IDT.com/go/contactIDT
Techical Support
netcom@idt.com
+480-763-2056
6024 Silver Creek Valley Road
San Jose, CA 95138
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its subsidiaries reserve the right to modify the products and/or specifications described herein at any time and at IDT’s sole discretion. All
information in this document, including descriptions of product features and performace, is subject to change without notice. Performance specifications and the operating parameters of the
described products are determined in the independent state and are not guaranteed to perform the same way when installed in customer products. The information contained herein is provided
without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitablity of IDT’s products for any particular purpose, an implied warranty of merchantabil-
ity, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property rights of IDT or any third
parties.
IDT’s products are not intended for use in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably expected to significantly affect the health or
safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Techology, IDT and the IDT logo are registered trademarks of IDT. Other trademarks and service marks used herein, including protected names, logos and designs, are the property
of IDT or their respective third party owners.
Copyright 2012. All rights reserved.
www.IDT.com
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com