Electronic Components Datasheet Search
  English  ▼

X  

ICS8536-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8536-01
Description  Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8536-01 Datasheet HTML 2Page - Integrated Device Technology ICS8536-01 Datasheet HTML 3Page - Integrated Device Technology ICS8536-01 Datasheet HTML 4Page - Integrated Device Technology ICS8536-01 Datasheet HTML 5Page - Integrated Device Technology ICS8536-01 Datasheet HTML 6Page - Integrated Device Technology ICS8536-01 Datasheet HTML 7Page - Integrated Device Technology ICS8536-01 Datasheet HTML 8Page - Integrated Device Technology ICS8536-01 Datasheet HTML 9Page - Integrated Device Technology ICS8536-01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
6
©2012 Integrated Device Technology, Inc.
TABLE 6A. AC CHARACTERISTICS, V
CC = 3.3V±5%, VEE = 0V, T
A
= 0°C TO 70°C
TABLE 6B. AC CHARACTERISTICS, V
CC = 2.5V±5%, VEE = 0V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
K
L
C
n
/
1
K
L
C
0
0
7z
H
M
0
K
L
C
0
0
3z
H
M
t
D
P
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
B
1
,
A
1
E
T
O
N
1
K
L
C
n
/
1
K
L
C7
.
15
.
2s
n
0
K
L
C5
3
.
10
.
2s
n
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
2
E
T
O
N
;
n
o
i
t
c
e
S
,
z
H
M
2
5
.
5
5
1
,
1
K
L
C
n
/
1
K
L
C
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
k
2
1
9
1
.
0s
p
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
5s
p
t
)
p
p
(
k
s5
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
4s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
1
K
L
C
n
/
1
K
L
C8
42
5%
0
K
L
C4
46
5%
_
X
U
M
N
O
I
T
A
L
O
S
I
n
o
i
t
a
l
o
s
I
X
U
M
A
6
E
T
O
Nz
H
M
0
5
1
=
ƒ6
7
-B
d
B
6
E
T
O
Nz
H
M
0
5
2
=
ƒ5
7
-B
d
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
T
U
O
≤
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
0
3
d
e
h
s
il
b
a
t
s
e
s
i
h
c
i
h
w
,
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
a
d
e
i
f
i
c
e
p
s
e
h
t
r
e
v
o
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
l
a
c
i
r
t
c
e
l
E
:
E
T
O
N
t
e
e
m
ll
i
w
e
c
i
v
e
d
e
h
T
.
m
p
f
l
0
0
5
n
a
h
t
r
e
t
a
e
r
g
w
o
l
f
r
i
a
e
s
r
e
v
s
n
a
r
t
d
e
n
i
a
t
n
i
a
m
h
t
i
w
t
e
k
c
o
s
t
s
e
t
a
n
i
d
e
t
n
u
o
m
s
i
e
c
i
v
e
d
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
e
s
e
h
t
r
e
d
n
u
d
e
h
c
a
e
r
n
e
e
b
s
a
h
m
u
i
r
b
il
i
u
q
e
l
a
m
r
e
h
t
r
e
t
f
a
s
n
o
i
t
a
c
i
f
i
c
e
p
s
r
e
t
t
ij
d
d
a
t
o
n
s
e
o
d
t
r
a
p
e
h
T
.
t
u
p
t
u
o
e
h
t
n
o
r
e
t
t
ij
e
h
t
l
a
u
q
e
ll
i
w
t
u
p
n
i
e
h
t
n
o
r
e
t
t
ij
e
l
c
y
c
-
o
t
-
e
l
c
y
c
e
h
T
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
A
1
E
T
O
N
V
m
o
r
f
d
e
r
u
s
a
e
M
:
B
1
E
T
O
N
C
C
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
2
/
.
k
c
o
l
c
t
u
p
n
i
e
n
o
y
l
n
o
g
n
i
v
i
r
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N
.
0
0
=
]
0
:
1
[
L
E
S
_
K
L
C
h
t
i
w
d
e
r
u
s
a
e
m
s
i
y
t
i
v
i
t
i
s
n
e
s
)
z
H
M
0
5
1
(
0
K
L
C
:
A
6
E
T
O
N
.
X
1
=
]
0
:
1
[
L
E
S
_
K
L
C
h
t
i
w
d
e
r
u
s
a
e
m
s
i
y
t
i
v
i
t
i
s
n
e
s
)
z
H
M
0
5
2
(
0
K
L
C
:
B
6
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
K
L
C
n
,
1
K
L
C
0
0
7z
H
M
0
K
L
C
0
0
3z
H
M
t
D
P
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
B
1
,
A
1
E
T
O
N
1
K
L
C
n
,
1
K
L
C7
.
15
6
.
2s
n
0
K
L
C4
.
15
0
.
2s
n
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
2
E
T
O
N
;
n
o
i
t
c
e
S
1
K
L
C
n
,
1
K
L
C,
z
H
M
2
5
.
5
5
1
,
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
z
H
M
0
2
-
z
H
k
2
1
9
1
.
0s
p
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5
5s
p
t
)
p
p
(
k
s5
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
4s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
1
K
L
C
n
,
1
K
L
C8
42
5%
0
K
L
C6
44
5%
_
X
U
M
N
O
I
T
A
L
O
S
I
n
o
i
t
a
l
o
s
I
X
U
M
A
6
E
T
O
Nz
H
M
0
5
1
=
ƒ6
7
-B
d
B
6
E
T
O
Nz
H
M
0
5
2
=
ƒ5
7
-B
d
.
e
v
o
b
a
A
6
e
l
b
a
T
e
e
s
,
s
e
t
o
n
r
o
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com