Electronic Components Datasheet Search
  English  ▼

X  

DS1722 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1722
Description  Digital Thermometer with SPI/3-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1722 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1722 Datasheet HTML 1Page - Dallas Semiconductor DS1722 Datasheet HTML 2Page - Dallas Semiconductor DS1722 Datasheet HTML 3Page - Dallas Semiconductor DS1722 Datasheet HTML 4Page - Dallas Semiconductor DS1722 Datasheet HTML 5Page - Dallas Semiconductor DS1722 Datasheet HTML 6Page - Dallas Semiconductor DS1722 Datasheet HTML 7Page - Dallas Semiconductor DS1722 Datasheet HTML 8Page - Dallas Semiconductor DS1722 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1722
2 of 13
DETAILED PIN DESCRIPTION Table 1
SOIC
SYMBOL
DESCRIPTION
PIN 1
VDDD
Digital Supply Voltage 1.8V-5.5V. Defines the top rails for the digital
inputs and outputs.
PIN 2
CE
Chip Enable Must be asserted high for communication to take place for
either the SPI or 3-wire interface.
PIN 3
SCLK
Serial Clock Input Used to synchronize data movement on the serial
interface for either the SPI or 3-wire interface.
PIN 4
GND
Ground pin.
PIN 5
SDO
Serial Data Output When SPI communication is selected, the SDO pin is
the serial data output for the SPI bus.
When 3-wire communication is
selected, this pin must be tied to the SDI pin (the SDI and SDO pins function
as a single I/O pin when tied together.)
PIN 6
SDI
Serial Data Input When SPI communication is selected, the SDI pin is the
serial data input for the SPI bus. When 3-wire communication is selected,
this pin must be tied to the SDO pin (the SDI and SDO pins function as a
single I/O pin when tied together.)
PIN 7
SERMODE
Serial Interface Mode Input This pin selects which interface standard will
be used: SPI when connected to VCC ; standard 3-wire when connected to
GND.
PIN 8
VDDA
Analog Supply Voltage 2.65V – 5.5V input power pin.
OVERVIEW
A block diagram of the DS1722 is shown in Figure 1. The DS1722 consists of four major components:
1. Precision temperature sensor
2. Analog-to-digital converter
3. SPI/3-wire interface electronics
4. Data registers
The factory-calibrated temperature sensor requires no external components. The DS1722 is in a power-
conserving shutdown state upon power-up. After power-up, the user may alter the configuration register
to place the device in a continuous temperature conversion mode or in a one-shot conversion mode. In
the continuous conversion mode, the DS1722 continuously converts the temperature and stores the result
in the temperature register. As conversions are performed in the background, reading the temperature
register does not affect the conversion in progress. In the one-shot temperature conversion mode, the
DS1722 will perform one temperature conversion, store the result in the temperature register, and then
return to the shutdown state. This conversion mode is ideal for power sensitive applications. More
information on the configuration register is contained in the “OPERATION-Programming” section.
The temperature conversion results will have a default resolution of 9 bits. In applications where small
incremental temperature changes are critical, the user can change the conversion resolution from 9 bits to
8, 10, 11, or 12. This is accomplished by programming the configuration register. Each additional bit of
resolution approximately doubles the conversion time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com