Electronic Components Datasheet Search
  English  ▼

X  

DS1722 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1722
Description  Digital Thermometer with SPI/3-Wire Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1722 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1722 Datasheet HTML 1Page - Dallas Semiconductor DS1722 Datasheet HTML 2Page - Dallas Semiconductor DS1722 Datasheet HTML 3Page - Dallas Semiconductor DS1722 Datasheet HTML 4Page - Dallas Semiconductor DS1722 Datasheet HTML 5Page - Dallas Semiconductor DS1722 Datasheet HTML 6Page - Dallas Semiconductor DS1722 Datasheet HTML 7Page - Dallas Semiconductor DS1722 Datasheet HTML 8Page - Dallas Semiconductor DS1722 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS1722
4 of 13
The resolution of the temperature conversion is configurable (8, 9, 10, 11, or 12 bits), with 9-bit readings
the default state. This equates to a temperature resolution of 1.0
°C, 0.5°C, 0.25°C, 0.125°C, or 0.0625°C.
Following each conversion, thermal data is stored in the thermometer register in two’s complement
format; the information can be retrieved over the SPI or 3-wire interface with the address set to the
temperature register, 01h (LSB) and then 02h (MSB). Table 2 describes the exact relationship of output
data to measured temperature. The table assumes the DS1722 is configured for 12-bit resolution; if the
device is configured in a lower resolution mode, those bits will contain 0s. The data is transmitted
serially over the digital interface, MSb first for SPI communication and LSb first for 3-wire
communication. The MSb of the temperature register contains the “sign” (S) bit, denoting whether the
temperature is positive or negative. For Fahrenheit usage, a lookup table or conversion routine must be
used.
Temperature/Data Relationships Table 2
Address
Location
S2
6
2
5
2
4
2
3
2
2
2
1
2
0
02h
MSb
(unit =
°C)
LSb
2
-1
2
-2
2
-3
2
-4
00
00
01h
TEMPERATURE
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+120
°C
0111 1000 0000 0000
7800h
+25.0625
°C
0001 1001 0001 0000
1910h
+10.125
°C
0000 1010 0010 0000
0A20h
+0.5
°C
0000 0000 1000 0000
0080h
0
°C
0000 0000 0000 0000
0000h
-0.5
°C
1111 1111 1000 0000
FF80h
-10.125
°C
1111 0101 1110 0000
F5E0h
-25.0625
°C
1110 0110 1111 0000
E6F0h
-55
°C
1100 1001 0000 0000
C900h
OPERATION-Programming
The area of interest in programming the DS1722 is the Configuration register. All programming is done
via the SPI or 3-wire communication interface by selecting the appropriate address of the desired register
location. Table 3 illustrates the addresses for the two registers (configuration and temperature) of the
DS1722.
Register Address Structure Table 3
Read Address
Write Address
Active Register
00h
80h
Configuration
01h
No access
Temperature LSB
02h
No access
Temperature MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com