Electronic Components Datasheet Search
  English  ▼

X  

DS1802 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1802
Description  Dual Audio Taper Potentiometer With Pushbutton Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1802 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1802 Datasheet HTML 9Page - Dallas Semiconductor DS1802 Datasheet HTML 10Page - Dallas Semiconductor DS1802 Datasheet HTML 11Page - Dallas Semiconductor DS1802 Datasheet HTML 12Page - Dallas Semiconductor DS1802 Datasheet HTML 13Page - Dallas Semiconductor DS1802 Datasheet HTML 14Page - Dallas Semiconductor DS1802 Datasheet HTML 15Page - Dallas Semiconductor DS1802 Datasheet HTML 16Page - Dallas Semiconductor DS1802 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DS1802
101999
14 of 17
ANALOG RESISTOR CHARACTERISTICS
(-40
°C to +85°C;V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End to End Resistor Tolerance
-20
+20
%
17
Absolute Tolerance
-1
+1
dB
11
Inter-channel Matching
-0.5
+0.5
dB
6
Tap-to-Tap Tolerance
-0.25
+0.25
dB
7,16
-3 dB Cutoff Frequency
fCUTOFF
700 kHz
kHz
Temperature Coefficient
750
ppm/
°C
Total Harmonic Distortion
(VIN=1VRMS, 1 kHz, Tap = -6
dB)
THD
0.002
%
16
Output Noise (20 Hz to 20 kHz,
Grounded Input, Tap= -6 dB)
2.2
µV
RMS
Digital Feedthrough
(20 Hz to 20 kHz, Tap= -6 dB)
-90
dB
16
Interchannel Isolation
(20 Hz to 20kHz, Tap= -6 dB)
-100
dB
16
Mute Control Active
Mute
-90
dB
CAPACITANCE
(-40
°C to +85°C; V
CC=2.7V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
8
Output Capacitance
COUT
7
pF
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com