Electronic Components Datasheet Search
  English  ▼

X  

DS1802 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1802
Description  Dual Audio Taper Potentiometer With Pushbutton Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1802 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1802 Datasheet HTML 9Page - Dallas Semiconductor DS1802 Datasheet HTML 10Page - Dallas Semiconductor DS1802 Datasheet HTML 11Page - Dallas Semiconductor DS1802 Datasheet HTML 12Page - Dallas Semiconductor DS1802 Datasheet HTML 13Page - Dallas Semiconductor DS1802 Datasheet HTML 14Page - Dallas Semiconductor DS1802 Datasheet HTML 15Page - Dallas Semiconductor DS1802 Datasheet HTML 16Page - Dallas Semiconductor DS1802 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DS1802
101999
16 of 17
7. Tap-to-tap tolerance is used to determine the change in voltage between successive tap positions. The
DS1802 is specified for
±0.25 dB tap-to-tap tolerance.
8. Typical values are for tA =25
°C and nominal supply voltage.
9. Power-up time is the time for all pushbutton inputs to be stable and active once power has reached a
valid level, 2.7V min.
10. See Figure 6.
11. Absolute tolerance is used to determine measured wiper voltage vs. expected wiper voltage as
determined by wiper position. The DS1802 is bounded by a
±1 dB absolute tolerance.
12. Maximum current specifications are based on clock rate, active zero-crossing detection, and
pushbutton activation. See Figure 8 for clock rate vs. current specification.
13. Valid for VCC =3V or 5V.
14. See Figure 10.
15. Standby current levels apply when all inputs are driven to appropriate supply levels.
16. These parameters are characterized and not 100% tested.
17. Valid at 25
°C only.
DIGITAL OUTPUT LOAD Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com