Electronic Components Datasheet Search
  English  ▼

X  

NSPB336AS Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPB336AS
Description  SPECIFICATIONS FOR BLUE LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB336AS Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPB336AS Datasheet HTML 1Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 2Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 3Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 4Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 5Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 6Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 7Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 8Page - NICHIA CORPORATION NSPB336AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NICHIA STS-DA1-1959 <Cat.No.111027>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.65
3.45
V
Reverse Current
-
-
50
µA
V22
1.420
1.540
V21
1.325
1.420
V12
1.200
1.325
V11
1.100
1.200
U22
1.020
1.100
U21
0.935
1.020
U12
0.850
0.935
Luminous Intensity
U11
0.770
0.850
cd
Color Ranks
Rank W1na
Rank W1nb
x
0.137
0.131
0.147
0.151
x
0.131
0.124
0.142
0.147
y
0.037
0.046
0.068
0.058
y
0.046
0.058
0.081
0.068
Rank W2na
Rank W2nb
x
0.124
0.118
0.137
0.142
x
0.118
0.110
0.132
0.137
y
0.058
0.071
0.095
0.081
y
0.071
0.087
0.112
0.095
* Ranking at TA=25°C.
* Reverse Current at VR=5V.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* A shipment shall consist of LEDs in a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com