Electronic Components Datasheet Search
  English  ▼

X  

DS1834 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1834
Description  Dual EconoReset with Pushbutton
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1834 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1834 Datasheet HTML 1Page - Dallas Semiconductor DS1834 Datasheet HTML 2Page - Dallas Semiconductor DS1834 Datasheet HTML 3Page - Dallas Semiconductor DS1834 Datasheet HTML 4Page - Dallas Semiconductor DS1834 Datasheet HTML 5Page - Dallas Semiconductor DS1834 Datasheet HTML 6Page - Dallas Semiconductor DS1834 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS1834/A/D
3 of 7
Tolerance Select
The DS1834 provides two TOL inputs for individual customization of the DS1834 to specific application
requirements. If the TOL for the 5-volt supply is tied to the 5-volt input a 10% tolerance is selected for
the 5 volt supply. If the TOL for the 3.3-volt supply is tied to the 3.3-volt input, a 20% tolerance is
selected for the 3.3-volt supply. If TOL inputs are tied to ground, the 5-volt input will be set at a 5%
tolerance and the 3.3-volt input would be set to a 10% tolerance.
Pushbutton Reset
The DS1834 provides a pushbutton switch for manual reset control. When at least one of the DS1834
resets are not in a reset cycle, a pushbutton reset can be generated by pulling the PBRST pin low for at
least 2 ms. When the pushbutton is held low, both resets are forced active and will remain active for about
350 ms after the pushbutton is released. The pushbutton input is pulled high through an internal
40 k
Ω=pull-up resistor and debounced via internal circuitry. See Figure 3 for an application example and
Figure 4 for the timing diagram.
PUSHBUTTON RESET Figure 3
TIMING DIAGRAM: PUSHBUTTON RESET Figure 4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com