Electronic Components Datasheet Search
  English  ▼

X  

DS1834 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1834
Description  Dual EconoReset with Pushbutton
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1834 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1834 Datasheet HTML 1Page - Dallas Semiconductor DS1834 Datasheet HTML 2Page - Dallas Semiconductor DS1834 Datasheet HTML 3Page - Dallas Semiconductor DS1834 Datasheet HTML 4Page - Dallas Semiconductor DS1834 Datasheet HTML 5Page - Dallas Semiconductor DS1834 Datasheet HTML 6Page - Dallas Semiconductor DS1834 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS1834/A/D
4 of 7
OUTPUT VALID CONDITIONS
All versions of the DS1834 can maintain valid outputs as long as one input remains above 1.2 volts.
However, the RST outputs on the DS1834 use a push-pull output structure which can maintain a valid
output below 1.2 volts. To sink current below 1.2 volts a resistor can be connected from RST to GND
(see Figure 5). This arrangement will maintain a valid value on the RST outputs even if all inputs are at 0
volts. During both power-up and power-down this arrangement will draw current when RST is in the high
state. A value of about 100 k
Ω=should be adequate to maintain a valid condition.
The DS1834A requires pull-up resistors on the outputs to maintain a valid output. The value of the
resistors is not critical in most cases but must be set low enough to pull the output to a high state. A
common value used is 10 k
Ωs (see Figure 6 and Figure 7).
APPLICATION DIAGRAM:
RST
VALID TO 0 VOLTS VCC ON THE DS1834 Figure 5
APPLICATION DIAGRAM: DS1834A NMOS OUTPUTS Figure 6
Note: If outputs are pulled-up to different voltages the outputs can not be connected to form a wired
"AND".
APPLICATION DIAGRAM: DS1834A WIRED "AND" OUTPUT Figure 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com