Electronic Components Datasheet Search
  English  ▼

X  

LCP12-150 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LCP12-150
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP12-150 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LCP12-150 Datasheet HTML 2Page - STMicroelectronics LCP12-150 Datasheet HTML 3Page - STMicroelectronics LCP12-150 Datasheet HTML 4Page - STMicroelectronics LCP12-150 Datasheet HTML 5Page - STMicroelectronics LCP12-150 Datasheet HTML 6Page - STMicroelectronics LCP12-150 Datasheet HTML 7Page - STMicroelectronics LCP12-150 Datasheet HTML 8Page - STMicroelectronics LCP12-150 Datasheet HTML 9Page - STMicroelectronics LCP12-150 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Technical information
LCP12
6/10
DocID17500 Rev 4
For a line card with 50
Ω of series resistors which has to be qualified under GR-1089 1000 V
10/1000 µs surge, the present current through the LCP12 is equal to:
I surge = 1000 / (10 + 50) = 17 A
The LCP12 topology is particularly optimized for the new telecom applications such as fiber
in the loop, WLL systems, and decentralized central office, for example.
Figure 8. Protection of SLIC with positive and negative battery voltages
Figure 8 shows the classical protection topology for SLIC using both positive and negative
battery voltages. With such a topology the SLIC is protected against surge over +Vb and
lower than -Vbat. In this case, +Vb can be programmed up to +120 V while -Vbat can be
programmed down to -120 V.
Gn
Gp
GND
TIP
RING
-Vbat
+Vb
LCP12
220nF
SLIC
Rs (*)
Rs (*)
Line
Line card
TIP
RING
220nF
Rs (*) = PTC or Resistor fuse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com