Electronic Components Datasheet Search
  English  ▼

X  

LCP12-150 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP12-150
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP12-150 Datasheet(HTML) 3 Page - STMicroelectronics

  LCP12-150 Datasheet HTML 1Page - STMicroelectronics LCP12-150 Datasheet HTML 2Page - STMicroelectronics LCP12-150 Datasheet HTML 3Page - STMicroelectronics LCP12-150 Datasheet HTML 4Page - STMicroelectronics LCP12-150 Datasheet HTML 5Page - STMicroelectronics LCP12-150 Datasheet HTML 6Page - STMicroelectronics LCP12-150 Datasheet HTML 7Page - STMicroelectronics LCP12-150 Datasheet HTML 8Page - STMicroelectronics LCP12-150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID17500 Rev 4
3/10
LCP12
Characteristics
10
Figure 3. Pulse waveform
100
50
%I
PP
t
t
r
p
0
t
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
150
°C/W
Table 4. Parameters related to the negative suppressor
Symbol
Parameter
Test conditions
Min.
Max.
Unit
IGn
Negative gate trigger current
VGn/GND = -60 V
Measured at 50 Hz
5mA
IH-
Holding current (see Figure 4)VGn = -60 V
150
mA
VDGL-
Dynamic switching voltage Gn / TIP or
RING(1)
VGn/GND = -60 V
V
10/700 µs
1.2/50 µs
2 kV
2 kV
Rs = 25 Ω
Rs = 25 Ω
IPP = 30 A
IPP = 30 A
8
12
VGnT
Gn to TIP voltage
IGn = 20 mA
0.7
1.7
V
1.
The VDGL value is the difference between the peak line voltage during the surge and the programmed gate voltage.
Table 5. Parameters related to the positive suppressor
Symbol
Parameter
Test conditions
Min. Max. Unit
IGp
Positive gate trigger current
VGp/GND = 60 V, measured at 50 Hz
5
mA
VDGL+
Dynamic switching voltage Gp / TIP or
RING(1)
VGp/GND = 60 V
V
10/700 µs
1.2/50 µs
2 kV
2 kV
Rs = 25 Ω
Rs = 25 Ω
IPP = 30 A
IPP = 30 A
8
20
VGpR
GP to RING voltage
IGp = -20 mA
1
2
V
1.
The VDGL value is the difference between the peak line voltage during the surge and the programmed gate voltage.
Table 6. Parameters related to TIP or RING / GND
Symbol
Parameter
Test conditions
Min.
Max.
Unit
IR
Reverse leakage current
VTIP or RING = +120 V
VTIP or RING = -120 V
VGp/TIP or RING= +1 V
VGn/TIP or RING= -1 V
5
5
µA
C
Capacitance TIP or RING / GND
VR = -3 V, F =1 MHz, VGp = 60 V, VGn = -60 V
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com