Electronic Components Datasheet Search
  English  ▼

X  

MAX1111CE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1111CE
Description  2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1111CE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1111CE Datasheet HTML 9Page - Maxim Integrated Products MAX1111CE Datasheet HTML 10Page - Maxim Integrated Products MAX1111CE Datasheet HTML 11Page - Maxim Integrated Products MAX1111CE Datasheet HTML 12Page - Maxim Integrated Products MAX1111CE Datasheet HTML 13Page - Maxim Integrated Products MAX1111CE Datasheet HTML 14Page - Maxim Integrated Products MAX1111CE Datasheet HTML 15Page - Maxim Integrated Products MAX1111CE Datasheet HTML 16Page - Maxim Integrated Products MAX1111CE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
+2.7V, Low-Power, Multichannel,
Serial 8-Bit ADCs
______________________________________________________________________________________
13
Digital Output
In unipolar input mode, the output is straight binary
(Figure 15). For bipolar inputs, the output is two’s-com-
plement (Figure 16). Data is clocked out at SCLK’s
falling edge in MSB-first format.
Clock Modes
The MAX1110/MAX1111 can use either an external ser-
ial clock or the internal clock to perform the successive-
approximation conversion. In both clock modes, the
external clock shifts data in and out of the devices. Bit
PD0 of the control byte programs the clock mode.
Figures 8–11 show the timing characteristics common
to both modes.
External Clock
In external clock mode, the external clock not only
shifts data in and out, it also drives the analog-to-digital
conversion steps. SSTRB pulses high for two clock
periods after the last bit of the control byte. Successive-
approximation bit decisions are made and appear at
DOUT on each of the next eight SCLK falling edges
(Figure 7). After the eight data bits are clocked out,
subsequent clock pulses clock out zeros from the
DOUT pin.
SSTRB and DOUT go into a high-impedance state
when CS goes high; after the next CS falling edge,
SSTRB outputs a logic low. Figure 9 shows the SSTRB
timing in external clock mode.
The conversion must complete in 1ms, or droop on the
sample-and-hold capacitors can degrade conversion
results. Use internal clock mode if the serial-clock fre-
quency is less than 50kHz, or if serial-clock interruptions
could cause the conversion interval to exceed 1ms.
• • •
• • •
• • •
• • •
CS
SCLK
DIN
DOUT
tCSH
tCSS
tCL
tDS
tDH
tDV
tDO
tCH
tDO
tTR
tCSH
Figure 8. Detailed Serial-Interface Timing
• • •
• • •
• • •
• • • •
• • •
tSDV
tSSTRB
PD0 CLOCKED IN
tSTR
SSTRB
SCLK
CS
tSSTRB
• • • •
Figure 9. External Clock Mode SSTRB Detailed Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com