Electronic Components Datasheet Search
  English  ▼

X  

MAX1167BEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1167BEEE
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167BEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1167BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1167BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
AIN_, REF, REFCAP to AGND..................-0.3V to (AVDD + 0.3V)
SCLK, CS, DSEL, DSPR, DIN to DGND ...................-0.3V to +6V
DOUT, DSPX, EOC to DGND...................-0.3V to (DVDD + 0.3V)
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
24-Pin QSOP (derate 9.5mW/°C above +70°C)...........762mW
Operating Temperature Ranges
MAX116_ _ CE_ ..................................................0°C to +70°C
MAX116_ _ EE_ ...............................................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +4.75V to +5.25V, fSCLK = 4.8MHz external clock (50% duty cycle), 24 clocks/conversion (200ksps), external VREF
= +4.096V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
16
Bits
Relative Accuracy (Note 2)
INL
MAX116_B
±1.8
±3LSB
Differential Nonlinearity
DNL
MAX116_B
(16 bit, no missing codes over temperature)
16-bit
NMC
+0.7
+1.75
LSB
External reference
0.7
Transition Noise
RMS
noise
Internal reference
0.8
LSBRMS
Offset Error
±0.1
±10
mV
Gain Error
(Note 3)
±0.01
±0.2
%FSR
Offset Drift
1
ppm/°C
Gain Drift
(Note 3)
±1.2
ppm/°C
DYNAMIC SPECIFICATIONS (1kHz sine wave, 4.096VP-P) (Note 1)
Signal-to-Noise Plus Distortion
SINAD
85
88.5
dB
Signal-to-Noise Ratio
SNR
86
88.5
dB
Total Harmonic Distortion
THD
-100
-88
dB
Spurious-Free Dynamic Range
SFDR
88
101
dB
Full-Power Bandwidth
-3dB point
4
MHz
Full-Linear Bandwidth
SINAD > 85dB
10
kHz
Channel-to-Channel Isolation
(Note 4)
96
dB
CONVERSION RATE
Internal clock, no data transfer,
single conversion (Note 5)
5.52
7.07
Conversion Time
tCONV
External clock
3.75
μs
Acquisition Time
tACQ
(Note 6)
729
ns
External clock, data transfer and conversion
0.1
4.8
Serial Clock Frequency
fSCLK
External clock, data transfer only
9
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com