| Electronic Components Datasheet Search |
|
MAX1167BEEE Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX1167BEEE Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 30 page ![]() are shut down on the EOC high-to-low transition. Use the EOC high-to-low transition as the signal to restart the external clock (SCLK). To read the entire conver- sion result, 16 SCLK cycles are needed. Extra clock pulses, occurring after the conversion result has been clocked out and prior to the rising edge of CS, cause the conversion result to be shifted out again. The MAX1168 internal-clock 16-bit-wide data-transfer mode requires 32 external clock cycles and 32 internal clock cycles for completion. Force CS high after the conversion result is read. For maximum throughput, force CS low again to initiate the next conversion immediately after the specified mini- mum time (tCSW). Forcing CS high in the middle of a conversion immediately aborts the conversion and places the MAX1168 in shutdown. Scan mode allows multiple channels to be scanned consecutively or one channel to be scanned eight times. Scan mode can only be enabled when using the MAX1168 in internal clock mode. Enable scanning by Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters ______________________________________________________________________________________ 21 DOUT CS DSPR SCLK DIN DSPX 0 MSB LSB MSB LSB tACQ IDLE tCONV ADC STATE 1 8 16 24 Figure 17. DSP External Clock Mode, 8-Bit Data-Transfer Mode, Conversion Timing (MAX1168 Only) DOUT CS SCLK DIN 0 MSB LSB MSB LSB ADC STATE 16 24 32 1 8 X X X X X X XX X = DON , T CARE tACQ IDLE tCONV DSPR DSPX Figure 18. DSP External Clock Mode, 16-Bit Data-Transfer Mode, Conversion Timing (MAX1168 Only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |