Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS9101
Description  RTC iButton
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9101 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS9101 Datasheet HTML 4Page - Dallas Semiconductor DS9101 Datasheet HTML 5Page - Dallas Semiconductor DS9101 Datasheet HTML 6Page - Dallas Semiconductor DS9101 Datasheet HTML 7Page - Dallas Semiconductor DS9101 Datasheet HTML 8Page - Dallas Semiconductor DS9101 Datasheet HTML 9Page - Dallas Semiconductor DS9101 Datasheet HTML 10Page - Dallas Semiconductor DS9101 Datasheet HTML 11Page - Dallas Semiconductor DS9101 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1904
11 of 12
PHYSICAL SPECIFICATION
Size
See mechanical drawing
Weight
3.3 grams
Humidity
90% RH at 50°C
Altitude
10000 feet
Expected Service Life
10 years at 25°C
Safety
Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approval under Entity Concept for
use in Class I, Division 1, Group A, B, C and
D Locations (application pending)
ABSOLUTE MAXIMUM RATINGS*
Voltage on 1-Wire to Ground
-0.5V to +7.0V
Operating Temperature
-40°C to +70°C
Storage Temperature
-40°C to +70°C
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
6.0
V
1
Logic 0
VIL
-0.3
0.8
V
1,5
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
V
1,2
Input Load Current
IL
5µA
3
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance 1-Wire
CIN
50
pF
AC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
115
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Low Time
tLOWR
115
µs
Read Data Valid
tRDV
exactly 15
µs
7
Release Time
tRELEASE
015
45
µs
Read Data Setup
tSU
1µs
4
Recovery Time
tREC
1µs
Reset High Time
tRSTH
480
µs
Reset Low Time
tRSTL
480
960
µs
6
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com