Electronic Components Datasheet Search
  English  ▼

X  

DS2064 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2064
Description  8K x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2064 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2064 Datasheet HTML 1Page - Dallas Semiconductor DS2064 Datasheet HTML 2Page - Dallas Semiconductor DS2064 Datasheet HTML 3Page - Dallas Semiconductor DS2064 Datasheet HTML 4Page - Dallas Semiconductor DS2064 Datasheet HTML 5Page - Dallas Semiconductor DS2064 Datasheet HTML 6Page - Dallas Semiconductor DS2064 Datasheet HTML 7Page - Dallas Semiconductor DS2064 Datasheet HTML 8Page - Dallas Semiconductor DS2064 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS2064
8K x 8 Static RAM
DS2064
022598 1/9
FEATURES
• Low power CMOS design
• Standby current
50 nA max at tA = 25°CVCC = 3.0V
100 nA max at tA = 25°CVCC = 5.5V
1
µA max at tA = 60°CVCC = 5.5V
• Full operation for V
CC = 4.5V to 5.5V
• Data Retention Voltage = 5.5V to 2.0V
• Access time equals 200 ns at 5.0V
• Operating temperature range of –40°C to +85°C
• Full static operation
• TTL compatible inputs and outputs
• Available in 28–pin DIP and 28–pin SOIC packages
• Suitable for both battery operated and battery backup
applications
PIN ASSIGNMENT
VCC
WE
CE2
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DS2064–200 28–PIN DIP (600 MIL)
DS2064S–200 28–PIN SOIC (330 MIL)
PIN DESCRIPTION
A0–A12
– Address Inputs
DQ0–DQ7
– Data Input/Output
CE1, CE2
– Chip Enable Inputs
WE
– Write Enable Input
OE
– Output Enable Input
VCC
– 5V Power Supply Input
GND
– Ground
NC
– No Connection
DESCRIPTION
The DS2064 is a 65536–bit low power, fully static ran-
dom access memory organized as 8192 words by eight
bits using CMOS technology. The device operates from
a single power supply with a voltage input between 4.5V
and 5.5V. The chip enable inputs (CE1 and CE2) are
used for device selection and can be used in order to
achieve the minimum standby current mode, which fa-
cilitates both battery operate and battery backup appli-
cations. The device provides fast access time of 200 ns
and is most suitable for low power applications where
battery operation or battery backup for nonvolatility are
required. The DS2064 is a JEDEC–standard 8K x 8
SRAM and is pin–compatible with ROM and EPROM of
similar density.


Similar Part No. - DS2064

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS206 LUMILEDS-DS206 Datasheet
1Mb / 21P
High voltage package that reduces system BOM
logo
Maxim Integrated Produc...
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2065W-100 MAXIM-DS2065W-100 Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
More results

Similar Description - DS2064

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C51864 MOSEL-V62C51864 Datasheet
59Kb / 10P
8K X 8 STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
64K (8K x 8) Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
8K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com