Electronic Components Datasheet Search
  English  ▼

X  

DS2064 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2064
Description  8K x 8 Static RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2064 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2064 Datasheet HTML 1Page - Dallas Semiconductor DS2064 Datasheet HTML 2Page - Dallas Semiconductor DS2064 Datasheet HTML 3Page - Dallas Semiconductor DS2064 Datasheet HTML 4Page - Dallas Semiconductor DS2064 Datasheet HTML 5Page - Dallas Semiconductor DS2064 Datasheet HTML 6Page - Dallas Semiconductor DS2064 Datasheet HTML 7Page - Dallas Semiconductor DS2064 Datasheet HTML 8Page - Dallas Semiconductor DS2064 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DS2064
022598 3/9
AC CHARACTERISTICS, READ CYCLE
(tA = –40°C to +85°C; VCC=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
200
ns
Access Time
tACC
200
ns
OE to Output Valid
tOE
100
ns
CE to Output Valid
tCO
200
ns
CE or OE to Output Active
tCOE
5
ns
Output to High–Z from
Deselection
tOD
10
60
ns
Output Hold from Address
Change
tOH
5
ns
AC CHARACTERISTICS, WRITE CYCLE
(tA = –40°C to +85°C; VCC=5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
200
ns
Write Pulse Width
tWP
150
ns
Address Setup Time
tAW
0
ns
Write Recovery Time
tWR
10
ns
Output High–Z from WE
tODW
70
ns
7
Output Active from WE
tOEW
5
ns
7
Data Setup Time
tDS
80
ns
Data Hold Time
tDH
0
ns
TIMING DIAGRAM: READ CYCLE
tRC
tACC
VIH
VIL
VIH
VIL
VIH
VIL
tOH
VIH
tOD
tOD
VIH
VOH
VOL
VOH
VOL
tCOE
tCOE
OUTPUT
DATA VALID
DOUT
OE
ADDRESSES
VIH
VIH
tOE
VIL
VIL
CE
tCO
SEE NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com