Electronic Components Datasheet Search
  English  ▼

X  

DS2105 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2105
Description  SCSI Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2105 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2105 Datasheet HTML 1Page - Dallas Semiconductor DS2105 Datasheet HTML 2Page - Dallas Semiconductor DS2105 Datasheet HTML 3Page - Dallas Semiconductor DS2105 Datasheet HTML 4Page - Dallas Semiconductor DS2105 Datasheet HTML 5Page - Dallas Semiconductor DS2105 Datasheet HTML 6Page - Dallas Semiconductor DS2105 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS2105
SCSI Terminator
DS2105
022698 1/7
FEATURES
• Fully compliant with SCSI–1, Fast SCSI and Ultra
SCSI
• Functionally compatible to the DS21S07A, targeted
for high volume applications
• Provides active termination for nine signal lines
• Laser–trimmed 110 ohm termination resistors have
5% tolerance
• Low dropout voltage
• Power–down mode isolates termination resistors
from the bus
• Fully supports actively negated SCSI signals
• Onboard thermal shutdown circuitry
• 16–pin plastic SOIC (DS2105)
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
DS2105Z 16–PIN SOIC (150 MIL)
TERMPWR1
R1
R2
R3
R4
R5
VREF1
GND
PD
VREF2
R9
R8
R7
R6
NC
TERMPWR2
11
12
13
14
15
16
10
1
2
3
4
5
6
7
8
9
DS2105S 16–PIN SOIC (300 MIL)
TERMPWR1
R1
R2
R3
R4
R5
VREF1
GND
PD
VREF2
NC
R9
R8
R7
R6
TERMPWR2
11
12
13
14
15
16
10
DESCRIPTION
Fast SCSI and Ultra SCSI require the use of active ter-
minations at both ends of every cable segment in a
SCSI system with single–ended drivers and receivers.
The DS2105 SCSI Terminator, which is fully compliant
with these standards, enables the designer to gain the
benefits of active termination: greater immunity to volt-
age drops on the TERMPWR (TERMination PoWeR)
line, enhanced high–level noise immunity, intrinsic
TERMPWR decoupling, and very low quiescent current
consumption. The DS2105, which integrates a regula-
tor and nine precise switched 110 ohm termination re-
sistors into a monolithic IC, is a functionally compatible
version of the DS21S07A. With relaxed output current
and termination tolerances, the DS2105 is intended for
high volume applications which require active termina-
tion but not the high performance of the DS21S07A.
The DS2105 is offered in both 300 mil and 150 mil SOIC
packages.


Similar Part No. - DS2105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2105 MAXIM-DS2105 Datasheet
104Kb / 7P
SCSI Terminator
022698
logo
Microchip Technology
DS21054E MICROCHIP-DS21054E Datasheet
76Kb / 12P
16K 1.8V I2C SERIAL EEPROM
1996
More results

Similar Description - DS2105

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T05 DALLAS-DS21T05 Datasheet
99Kb / 7P
SCSI Terminator
DS2114 DALLAS-DS2114 Datasheet
71Kb / 6P
SCSI Terminator
DS21T07 DALLAS-DS21T07 Datasheet
101Kb / 7P
SCSI Terminator
logo
Maxim Integrated Produc...
DS21S07A MAXIM-DS21S07A Datasheet
449Kb / 8P
SCSI Terminator
022106
logo
Dallas Semiconductor
DS21T06 DALLAS-DS21T06 Datasheet
114Kb / 6P
SCSI Terminator
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
SCSI Terminator
logo
Maxim Integrated Produc...
DS21T07 MAXIM-DS21T07 Datasheet
107Kb / 7P
SCSI Terminator
112099
DS21T05 MAXIM-DS21T05 Datasheet
104Kb / 7P
SCSI Terminator
112099
DS2114 MAXIM-DS2114 Datasheet
76Kb / 6P
SCSI Terminator
070198
DS2106 MAXIM-DS2106 Datasheet
74Kb / 6P
SCSI Terminator
022698
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com