Electronic Components Datasheet Search
  English  ▼

X  

DS2105 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2105
Description  SCSI Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2105 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2105 Datasheet HTML 1Page - Dallas Semiconductor DS2105 Datasheet HTML 2Page - Dallas Semiconductor DS2105 Datasheet HTML 3Page - Dallas Semiconductor DS2105 Datasheet HTML 4Page - Dallas Semiconductor DS2105 Datasheet HTML 5Page - Dallas Semiconductor DS2105 Datasheet HTML 6Page - Dallas Semiconductor DS2105 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS2105
022698 5/7
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Voltage
VTP
4.00
5.25
V
PD Active
VPDA
–0.3
+0.8
V
PD Inactive
VPDI
2.0
VTP +0.3
V
DC CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TERMPWR Current
ITP
ITP
5
250
8
mA
mA
1, 3
1, 4
Power Down Current
IPD
500
µA
1, 2, 5
Termination Resistance
RTERM
110
118
ohm
1, 2
Die Thermal Shutdown
TSD
150
°C
1
Power Down Termination
Capacitance
CPD
3.0
5.0
pF
1, 2, 5, 6
Input Leakage High
IIH
–1.0
µA
1, 8
Input Leakage Low
IIL
1.0
µA
1, 7
REGULATOR CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Voltage
VREF
2.7
2.85
3.0
V
1, 2
Drop Out Voltage
VDROP
0.75
1.0
V
3, 6
Output Current
IOUT
24.0
mA
9
Line Regulation
LIREG
1.0
2.0
%
1, 4
Load Regulation
LOREG
1.3
3.0
%
1, 2
Current Limit
ILIM
350
mA
1
Sink Current
ISINK
200
mA
1
NOTES:
1. 4.00V < TERMPWR < 5.25V.
2. 0.0V < signal lines < 3.0V.
3. All signal lines = 0.0V.
4. All signal lines open.
5. PD = 0.0V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com