Electronic Components Datasheet Search
  English  ▼

X  

DS2118M Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS2118M
Description  Ultra2 LVD/SE SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2118M Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS2118M Datasheet HTML 1Page - Dallas Semiconductor DS2118M Datasheet HTML 2Page - Dallas Semiconductor DS2118M Datasheet HTML 3Page - Dallas Semiconductor DS2118M Datasheet HTML 4Page - Dallas Semiconductor DS2118M Datasheet HTML 5Page - Dallas Semiconductor DS2118M Datasheet HTML 6Page - Dallas Semiconductor DS2118M Datasheet HTML 7Page - Dallas Semiconductor DS2118M Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS2118M
7 of 8
LOW VOLTAGE DIFFERENTIAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Differential Mode
Termination Resistance
Rdm
100
110
Ohms
Common Mode
Termination Resistance
Rcm
110
190
Ohms
Differential Mode Bias
Vdm
100
125
mV
All lines
open
Common Mode Bias
Vcm
1.125
1.375
V
DC CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Termpower Current
Itpmr
35
mA
All lines
open
Input Leakage High
Iih
-1.0
µA
Input Leakage Low
Iil
1.0
µA
Output Current High
Ioh
-1.0
mA
VOUT = 2.4
volts;
SE/LVD/
HVD
pins only
Output Current Low
Iol
4.0
mA
VOUT = 0.4
volts;
SE/LVD/
HVD
pins only
DIFFSENS SE
Operating Range
Vseor
-0.3
0.5
V
DIFFSENS LVD
Operating Range
Vlvdor
0.7
1.9
V
DIFFSENS HVD
Operating Range
Vhvdor
2.4
Vtpwr
+ 0.3
V
DIFFSENSE Driver
Output Voltage
Vdso
1.2
1.4
V
MSTR/
SLV=1;
Ids=0-5 mA
DIFFSENSE Driver
Source Current
Idsh
515
mA
MSTR/
SLV=1;
Vdso=0V
DIFFSENSE Driver
Sink Current
Idsl
20
200
µA
MSTR/
SLV=1;
Vdso=2.75V
REGULATOR CHARACTERISTICS
(0°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Line Regulation
LIREG
1.0
2.0
%
Load Regulation
LOREG
1.3
3.0
%
Current Limit
ILIM
350
mA
Sink Current
ISINK
200
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com