Electronic Components Datasheet Search
  English  ▼

X  

DS2118M Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2118M
Description  Ultra2 LVD/SE SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2118M Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS2118M Datasheet HTML 1Page - Dallas Semiconductor DS2118M Datasheet HTML 2Page - Dallas Semiconductor DS2118M Datasheet HTML 3Page - Dallas Semiconductor DS2118M Datasheet HTML 4Page - Dallas Semiconductor DS2118M Datasheet HTML 5Page - Dallas Semiconductor DS2118M Datasheet HTML 6Page - Dallas Semiconductor DS2118M Datasheet HTML 7Page - Dallas Semiconductor DS2118M Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS2118M
8 of 8
DS2118M 36-PIN SSOP PACKAGE
DIM
MIN
MAX
A
2.44
2.64
A1
0.12
-
b
0.29
0.43
c
0.23
0.32
D
15.20
15.54
E
10.11
10.52
E1
7.40
7.60
e
0.80 BSC
h
0.25
0.71
L
0.51
1.02
DIMENSIONS D AND E1 INCLUDE MOLD MISMATCH, BUT DO NOT
INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD
FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.254
MM PER SIDE.
SECTION A-A DIMENSIONS APPLY TO THE FLAT SECTION OF THE
LEAD BETWEEN 0.13 TO 0.25 MM FROM THE LEAD TIP.
THE CHAMFER ON THE BODY IS OPTIONAL. IF IT IS NOT PRESENT,
A VISUAL INDEX FEATURE MUST BE LOCATED WITHIN THE
CROSS-HATCHED AREA.
DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com