Electronic Components Datasheet Search
  English  ▼

X  

DS21372 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21372
Description  3.3V Bit Error Rate Tester BERT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21372 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21372 Datasheet HTML 3Page - Dallas Semiconductor DS21372 Datasheet HTML 4Page - Dallas Semiconductor DS21372 Datasheet HTML 5Page - Dallas Semiconductor DS21372 Datasheet HTML 6Page - Dallas Semiconductor DS21372 Datasheet HTML 7Page - Dallas Semiconductor DS21372 Datasheet HTML 8Page - Dallas Semiconductor DS21372 Datasheet HTML 9Page - Dallas Semiconductor DS21372 Datasheet HTML 10Page - Dallas Semiconductor DS21372 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS21372
7 of 21
PLR: PATTERN LENGTH REGISTER (ADDRESS=04 HEX)
(MSB)
(LSB)
-
-
-
LB4
LB3
LB2
LB1
LB0
SYMBOL
POSITION
NAME AND DESCRIPTION
-
PLR1.7
Not Assigned. Should be set to 0 when written to.
-
PLR1.6
Not Assigned. Should be set to 0 when written to.
-
PLR1.5
Not Assigned. Should be set to 0 when written to.
LB4
PLR1.4
Length Bit 4.
LB3
PLR1.3
Length Bit 3.
LB2
PLR1.2
Length Bit 2.
LB1
PLR1.1
Length Bit 1.
LB0
PLR1.0
Length Bit 0.
5.
POLYNOMIAL TAP REGISTER
Polynomial Tap Bits PT4 - PT0 determine the feedback position of Tap B connected to the XOR input of
the pattern generator. Feedback Tap B provides one of two feedback paths within the pattern generator.
Please refer to Figure 2 for a block diagram of the pattern generator and to Tables 4 and 5 for register
programming examples.
PTR: POLYNOMIAL TAP REGISTER (ADDRESS=05 HEX)
(MSB)
(LSB)
-
-
-
PT4
PT3
PT2
PT1
PT0
SYMBOL
POSITION
NAME AND DESCRIPTION
-PTR.7
Not Assigned. Should be set to 0 when written to.
-PTR.6
Not Assigned. Should be set to 0 when written to.
-PTR.5
Not Assigned. Should be set to 0 when written to.
PT4
PTR.4
Polynomial Tap Bit 4.
PT3
PTR.3
Polynomial Tap Bit 3.
PT2
PTR.2
Polynomial Tap Bit 2.
PT1
PTR.1
Polynomial Tap Bit 1.
PT0
PTR.0
Polynomial Tap Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com