Electronic Components Datasheet Search
  English  ▼

X  

DS21FF42 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21FF42
Description  4 X 3 Twelve Channel T1 Framer
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FF42 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21FF42 Datasheet HTML 17Page - Dallas Semiconductor DS21FF42 Datasheet HTML 18Page - Dallas Semiconductor DS21FF42 Datasheet HTML 19Page - Dallas Semiconductor DS21FF42 Datasheet HTML 20Page - Dallas Semiconductor DS21FF42 Datasheet HTML 21Page - Dallas Semiconductor DS21FF42 Datasheet HTML 22Page - Dallas Semiconductor DS21FF42 Datasheet HTML 23Page - Dallas Semiconductor DS21FF42 Datasheet HTML 24Page - Dallas Semiconductor DS21FF42 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
DALLAS SEMICONDUCTOR
DS21FF42/DS21FT42
101899
/123
21
Signal Name:
TSYSCLK
Signal Description:
Transmit System Clock
Signal Type:
Input
1.544 MHz or 2.048 MHz clock. Only used when the transmit side elastic store function is
enabled. Should be tied low in applications that do not use the transmit side elastic store.
Can be burst at rates up to 8.192 MHz. This pin is tied to the RSYSCLK signal in the
DS21FF42/DS21FT42.
Signal Name:
TLCLK
Signal Description:
Transmit Link Clock
Signal Type:
Output
4 KHz or 2 KHz (ZBTSI) demand clock for the TLINK input. See Section 19 for details.
This signal is not bonded out in the DS21FF42/DS21FT42.
Signal Name:
TLINK
Signal Description:
Transmit Link Data
Signal Type:
Input
If enabled via TCR1.2, this pin will be sampled on the falling edge of TCLK for data
insertion into either the FDL stream (ESF) or the Fs–bit position (D4) or the Z–bit position
(ZBTSI). See Section 19 for details. This signal is not bonded out in the
DS21FF42/DS21FT42.
Signal Name:
TSYNC
Signal Description:
Transmit Sync
Signal Type:
Input /Output
A pulse at this pin will establish either frame or multiframe boundaries for the transmit side.
Via TCR2.2, the DS21Q42 can be programmed to output either a frame or multiframe pulse
at this pin. If this pin is set to output pulses at frame boundaries, it can also be set via
TCR2.4 to output double–wide pulses at signaling frames. See Section 24 for details.
Signal Name:
TSSYNC
Signal Description:
Transmit System Sync
Signal Type:
Input
Only used when the transmit side elastic store is enabled. A pulse at this pin will establish
either frame or multiframe boundaries for the transmit side. Should be tied low in
applications that do not use the transmit side elastic store.
Signal Name:
TSIG
Signal Description:
Transmit Signaling Input
Signal Type:
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com