Electronic Components Datasheet Search
  English  ▼

X  

2SC2570A Datasheet(PDF) 3 Page - NEC

Part # 2SC2570A
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2570A Datasheet(HTML) 3 Page - NEC

  2SC2570A Datasheet HTML 1Page - NEC 2SC2570A Datasheet HTML 2Page - NEC 2SC2570A Datasheet HTML 3Page - NEC 2SC2570A Datasheet HTML 4Page - NEC 2SC2570A Datasheet HTML 5Page - NEC 2SC2570A Datasheet HTML 6Page - NEC 2SC2570A Datasheet HTML 7Page - NEC 2SC2570A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet P10404EJ3V0DS00
3
2SC2570A
TYPICAL CHARACTERISTICS (TA = +25 °C)
free Air
600
400
200
0
50
100
Operating Ambient Temperature TA (
°C)
150
200
VCE = 10 V
VCE = 10 V
200
100
50
20
10
0.5
1
5
Collector Current IC (mA)
10
50
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
50
10
5
0.5
1
0.5
0.6
0.7
Base to Emitter Voltage VBE (V)
0.8
0.9
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
7
5
2
1
0.5
0.2
0.1
0.5
1
5
Collector Current IC (mA)
10
70
50
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHZ
15
10
5
0
0.5
1
5
Collector Current IC (mA)
10
70
50
INSERTION GAIN vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com