Electronic Components Datasheet Search
  English  ▼

X  

2SC2570A Datasheet(PDF) 4 Page - NEC

Part # 2SC2570A
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC2570A Datasheet(HTML) 4 Page - NEC

  2SC2570A Datasheet HTML 1Page - NEC 2SC2570A Datasheet HTML 2Page - NEC 2SC2570A Datasheet HTML 3Page - NEC 2SC2570A Datasheet HTML 4Page - NEC 2SC2570A Datasheet HTML 5Page - NEC 2SC2570A Datasheet HTML 6Page - NEC 2SC2570A Datasheet HTML 7Page - NEC 2SC2570A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet P10404EJ3V0DS00
4
2SC2570A
f = 1.0 MHZ
2
1
0.5
0.3
0
0.5
1
2
5
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
10
30
20
OUTPUT AND INPUT
CAPACITANCE vs. REVERSE VOLTAGE
VCE = 10 V
f = 1.0 GHZ
7
6
5
4
3
2
1
0
0.5
1
10
5
Collector Current IC (mA)
50 70
NOISE FIGURE vs.
COLLECTOR CURRENT
VCE = 10 V
IC = 5 mA
20
10
0
0.1
1.0
0.2
0.4
INSERTION POWER GAIN, MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
0.6
2
0.8
Cib
Cob
S21e 2
Gmax
Frequency f (GHZ)
VCE = 10 V
IC = 20 mA
20
10
0
0.1
1.0
0.2
0.4
INSERTION POWER GAIN, MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
0.6
2
0.8
S21e 2
Frequency f (GHZ)
Gmax
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
NE
NT
1.5GHZ
1.5GHZ
S22e
S11e
1.0
1.0
0.8
0.6
0.4
0.4
0.2
0.2
0.18
0.17
0.16
0.15
0.14
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
50
60
70
80
90
100
110
120
130
0.1
0.2
0.3
0.4
50
3.0
4.0
5.0
10
20
0.2
0.4
0.6
0.8
0.2
0.4
0.6
0.8
1.0
RESISTANCE COMPONENT
R
Zo
NE
NT
1.5GHZ
1.5GHZ
S22e
S11e
1.0
1.0
0.8
0.2
0.4
0.6
0.4
0.2
S-PARAMETER
VCE = 10 V
IC = 5 mA
Z0 = 50
Ω
S-PARAMETER
VCE = 10 V
IC = 20 mA
Z0 = 50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com