Electronic Components Datasheet Search
  English  ▼

X  

DS2223 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2223
Description  EconoRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2223 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2223 Datasheet HTML 1Page - Dallas Semiconductor DS2223 Datasheet HTML 2Page - Dallas Semiconductor DS2223 Datasheet HTML 3Page - Dallas Semiconductor DS2223 Datasheet HTML 4Page - Dallas Semiconductor DS2223 Datasheet HTML 5Page - Dallas Semiconductor DS2223 Datasheet HTML 6Page - Dallas Semiconductor DS2223 Datasheet HTML 7Page - Dallas Semiconductor DS2223 Datasheet HTML 8Page - Dallas Semiconductor DS2223 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS2223/DS2224
EconoRAM
DS2223/DS2224
080598 1/10
FEATURES
• Low–cost, general–purpose, 256–bit memory
– DS2223 has 256–bit SRAM
– DS2224 has 32–bit ROM, 224–bit SRAM
• Reduces control, address and data interface to a
single pin
• Each DS2224 32–bit ROM is factory–lasered with a
unique serial number
• DS2224portionofROMwithcustomcodeandunique
serial number available
• Minimal operating power: 45 nanocoulombs per
transaction @1.5V typical
• Less than 15 nA standby current at 25°C
• Nonvolatile data retention easily achieved via low–
cost alkaline batteries or capacitors
• Directlyconnectstoaportpinofpopularmicrocontrol-
lers
• Operation from 1.2 to 5.5 volts
• Popular TO–92 or SOT–223 surface mount package
• Operates over industrial temperature range –40°C to
+85
°C
DESCRIPTION
The DS2223 and DS2224 EconoRAMs are fully static,
micro–powered, read/write memories in low–cost
TO–92 or SOT–223 packages. The DS2223 is orga-
nized as a serial 256 x 1 bit static read/write memory.
The DS2224’s first 32 bits are lasered with a unique ID
code at the time of manufacture; the remaining 224 bits
are static read/write memory. Signaling necessary for
reading or writing is reduced to just one interface lead.
Both the DS2223 and DS2224 are not recommended
for new designs. However, the parts will remain avail-
able until the year 2003, at least.
PACKAGE OUTLINE
12
3
1
23
1
23
4
SOT–223
TOP VIEW
BOTTOM VIEW
TO–92
See Mech. Drawings
Section
See Mech. Drawings
Section
PIN CONNECTIONS
Pin 1
GND
– Ground
Pin 2
DQ
– Data In/Out
Pin 3
VCC
– Supply
Pin 4
GND
– Ground
ORDERING INFORMATION
DS2223
256–bit SRAM – TO–92 Package
DS2223Z
256–bit SRAM – SOT–223 Package
DS2223T
1000 piece tape–and–reel of DS2223
DS2223Y
2500 piece tape–and–reel of DS2223Z
DS2224
32–bit serial number (ROM), 224–bit
SRAM – TO–92 Package
DS2224Z
32–bit serial number (ROM), 224–bit
SRAM – SOT–223 Package
DS2224T
1000 piece tape–and–reel of DS2224
DS2224Y
2500 piece tape–and–reel of DS2224Z


Similar Part No. - DS2223

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS2227-100 DALLAS-DS2227-100 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
DS2227-120 DALLAS-DS2227-120 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
DS2227-70 DALLAS-DS2227-70 Datasheet
191Kb / 10P
Flexible NV SRAM Stik
More results

Similar Description - DS2223

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2404 DALLAS-DS2404 Datasheet
663Kb / 28P
EconoRAM Time Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com