Electronic Components Datasheet Search
  English  ▼

X  

DS2252T Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2252T Datasheet HTML 2Page - Dallas Semiconductor DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor DS2252T Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS2252T
6 of 15
DS2252T MEMORY MAP IN NON-PARTITIONABLE MODE (PM=1) Figure 2
DS2252T MEMORY MAP IN PARTITIONABLE (PM=0) Figure 3
NV RAM
PROGRAM
NV RAM
DATA
PROGRAM MEMORY
DATA MEMORY (MOVX)
FFFFh --
0000h --
-- 64K
NV RAM
PROGRAM
NV RAM
DATA
PROGRAM MEMORY
DATA MEMORY (MOVX)
FFFFh --
0000h --
PARTITION
NOTE: PARTITIONABLE MODE IS NOT SUPPORTED ON THE 128KB VERSION OF THE DS2252T.
LEGEND:
= NV RAM MEMORY
= EXPANDED BUS (PORTS 0 AND 2)
= NOT AVAILABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com