Electronic Components Datasheet Search
  English  ▼

X  

DS2252T Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS2252T
Description  Secure Microcontroller Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS2252T Datasheet HTML 1Page - Dallas Semiconductor DS2252T Datasheet HTML 2Page - Dallas Semiconductor DS2252T Datasheet HTML 3Page - Dallas Semiconductor DS2252T Datasheet HTML 4Page - Dallas Semiconductor DS2252T Datasheet HTML 5Page - Dallas Semiconductor DS2252T Datasheet HTML 6Page - Dallas Semiconductor DS2252T Datasheet HTML 7Page - Dallas Semiconductor DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS2252T
5 of 15
PIN
DESCRIPTION
22
ALE - Address Latch Enable. Used to de-multiplex the multiplexed Expanded
Address/Data bus on Port 0. This pin is normally connected to the clock input on a ’373
type transparent latch.
35, 37
XTAL2, XTAL1. Used to connect an external crystal to the internal oscillator. XTAL1 is
the input to an inverting amplifier and XTAL2 is the output.
39
GND - Logic ground.
2
VCC - +5V.
24
PROG
- Invokes the Bootstrap loader on a falling edge. This signal should be debounced
so that only one edge is detected. If connected to ground, the microcontroller will enter
Bootstrap loading on power up. This signal is pulled up internally.
20
SDI – Self-Destruct Input. A logic 1 applied to this input causes a hardware unlock. This
involves the destruction of Encryption Keys, Vector RAM, and the momentary removal of
power from VCCO. This pin should be grounded if not used.
INSTRUCTION SET
The DS2252T executes an instruction set that is object code-compatible with the industry standard 8051
microcontroller. As a result, software development packages such as assemblers and compilers that have
been written for the 8051 are compatible with the DS2252T. A complete description of the instruction set
and operation are provided in the User’s Guide section of the Secure Microcontroller Data Book.
MEMORY ORGANIZATION
Figure 2 illustrates the memory map accessed by the DS2252T. The entire 64k of program and 64k of
data are available to the Byte-wide bus. This preserves the I/O ports for application use. An alternate
configuration allows dynamic Partitioning of a 64k space as shown in Figure 3. Any data area not mapped
into the NV RAM is reached via the Expanded bus on Ports 0 and 2. Off-board program memory is not
available for security reasons. Selecting PES=1 provides access to the Real Time Clock as shown in
Figure 4. These selections are made using Special Function Registers. The memory map and its controls
are covered in detail in the User’s Guide section of the Secure Microcontroller Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com