Electronic Components Datasheet Search
  English  ▼

X  

US1D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # US1D
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

US1D Datasheet(HTML) 1 Page - Vishay Siliconix

  US1D Datasheet HTML 1Page - Vishay Siliconix US1D Datasheet HTML 2Page - Vishay Siliconix US1D Datasheet HTML 3Page - Vishay Siliconix US1D Datasheet HTML 4Page - Vishay Siliconix US1D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1A, US1B, US1D, US1G, US1J, US1K, US1M
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
1
Document Number: 88768
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Ultrafast Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base
P/NHE3
-
RoHS-compliant,
automotive
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V, 1000 V
IFSM
30 A
trr
50 ns, 75 ns
VF at IF
1.0 V, 1.7 V
TJ max.
150 °C
Package
DO-214AC (SMA)
Diode variations
Single die
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNIT
Device marking code
UA
UB
UD
UG
UJ
UK
UM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 110 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - US1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1D PANJIT-US1D Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1D PHILIPS-US1D Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1D SURGE-US1D Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1D TRSYS-US1D Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1D SSE-US1D Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results

Similar Description - US1D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com