Electronic Components Datasheet Search
  English  ▼

X  

US1D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # US1D
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

US1D Datasheet(HTML) 2 Page - Vishay Siliconix

  US1D Datasheet HTML 1Page - Vishay Siliconix US1D Datasheet HTML 2Page - Vishay Siliconix US1D Datasheet HTML 3Page - Vishay Siliconix US1D Datasheet HTML 4Page - Vishay Siliconix US1D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1A, US1B, US1D, US1G, US1J, US1K, US1M
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
2
Document Number: 88768
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) PCB mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad area
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNIT
Maximum instantaneous forward
voltage
1.0 A
VF (1)
1.0
1.7
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
75
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
10
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
US1A
US1B
US1D
US1G
US1J
US1K
US1M
UNIT
Maximum thermal resistance
RJA (1)
75
°C/W
RJL (1)
27
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
US1J-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
US1J-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
US1JHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
US1JHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
US1JHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
US1JHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
0
0.4
1.2
0
75
25
50
100
125
150
0.8
0.2
0.6
1.0
Resistive or Inductive Load
Lead Temperature (°C)
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
0
15
20
25
10
5
30
Number of Cycles at 60 Hz
1
10
100
T
L = 110 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com