Electronic Components Datasheet Search
  English  ▼

X  

DS2406P Datasheet(PDF) 15 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 15 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 11Page - Dallas Semiconductor DS2406P Datasheet HTML 12Page - Dallas Semiconductor DS2406P Datasheet HTML 13Page - Dallas Semiconductor DS2406P Datasheet HTML 14Page - Dallas Semiconductor DS2406P Datasheet HTML 15Page - Dallas Semiconductor DS2406P Datasheet HTML 16Page - Dallas Semiconductor DS2406P Datasheet HTML 17Page - Dallas Semiconductor DS2406P Datasheet HTML 18Page - Dallas Semiconductor DS2406P Datasheet HTML 19Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DS2406
15 of 30
The TOG bit of Channel Control Byte 1 specifies if one is always reading or writing (TOG = 0) or if one
is going to change from reading to writing or vice versa after every data byte that has been sent to or
received from the DS2406 (TOG = 1). When accessing one channel, one byte is equivalent to eight reads
from or writes to the selected PIO pin. When accessing two channels, one byte is equivalent to four reads
or writes from/to each channel.
The initial mode (reading or writing) for accessing the PIO channels is specified in the IM bit. For read-
ing, IM has to be set to 1, for writing IM needs to be 0. If the TOG bit is set to 0, the device will always
read or write as specified by the IM bit. If TOG is 1, the device will use the setting of IM for the first byte
to be transmitted and will alternate between reading and writing after every byte. Table 1 illustrates the
effect of TOG and IM for one-channel as well as for two-channel operation.
THE EFFECT OF TOGGLE MODE AND INITIAL MODE Table 1
TOG
IM
CHANNELS
EFFECT
0
0
one channel
Write all bits to the selected channel
0
1
one channel
Read all bits from the selected channel
1
0
one channel
Write 8 bits, read 8 bits, write, read, etc. to/from
the selected channel
1
1
one channel
Read 8 bits, write 8 bits, read, write, etc. from/to
the selected channel
0
0
two channels
Repeat: four times (write A, write B)
0
1
two channels
Repeat: four times (read A, read B)
1
0
two channels
Four times: (write A, write B), four times: (read
A, read B), write, read, etc.
1
1
two channels
Four times: (read A, read B), four times: (write A,
write B), read, write, etc.
The ALR bit of Channel Control Byte 1 controls whether the activity latch of each channel gets reset.
Both activity latches are cleared simultaneously if the ALR bit is 1. They are not changed if the ALR bit
is 0. An activity latch is set with a negative or positive edge that occurs at its associated PIO channel.
Channel Control Byte 1 also controls the internal CRC generator to safeguard data transmission between
the bus master and the DS2406 for channel access. It does not affect reading from or writing to the
memory sections of the DS2406. The CRC control bits (bit 0 and bit 1) can be set to create and protect
data packets that have the size of 8 bytes or 32 bytes. If desired, the device can safeguard even single
bytes by a 16-bit CRC. This setting, however, limits the average PIO sampling rate to about one third of
its maximum possible value. The codes for the CRC control are shown in the table below.
CRC1
CRC0
Description
0
0
CRC disabled (no CRC at all)
0
1
CRC after every byte
1
0
CRC after 8 bytes
1
1
CRC after 32 bytes
The CRC provides a high level of safeguarding data. A detailed description of CRCs is found in
Application Note 27 and the “Book of DS19xx iButton Standards”. If the CRC is disabled, the CRC-
related sections in the flow chart are skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com