Electronic Components Datasheet Search
  English  ▼

X  

DS2406P Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS2406P
Description  Dual Addressable Switch Plus 1K-Bit Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406P Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS2406P Datasheet HTML 22Page - Dallas Semiconductor DS2406P Datasheet HTML 23Page - Dallas Semiconductor DS2406P Datasheet HTML 24Page - Dallas Semiconductor DS2406P Datasheet HTML 25Page - Dallas Semiconductor DS2406P Datasheet HTML 26Page - Dallas Semiconductor DS2406P Datasheet HTML 27Page - Dallas Semiconductor DS2406P Datasheet HTML 28Page - Dallas Semiconductor DS2406P Datasheet HTML 29Page - Dallas Semiconductor DS2406P Datasheet HTML 30Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
DS2406
26 of 30
PROGRAM PULSE TIMING DIAGRAM Figure 16
Resistor pull-up
LINE TYPE LEGEND:
Bus master active high
(12 V @ 10 mA)
V
PULLUP
V
PP
GND
480 µs
t
RP
t
FP
t
DP
t
DV
> 5 µs
> 5 µs
t
PP
Normal 1-Wire
Communication Ends
Normal 1-Wire
Communication Resumes
CRC GENERATION
With the DS2406 there are two different types of CRCs (Cyclic Redundancy Checks). One CRC is an 8-
bit type. It is computed at the factory and lasered into the most significant byte of the 64-bit ROM. The
equivalent polynomial function of this CRC is X
8
+ X
5
+ X
4
+ 1. To determine whether the ROM data has
been read without error the bus master can compute the CRC value from the first 56 bits of the 64-bit
ROM and compare it to the value read from the DS2406. This 8-bit CRC is received in the true form
(non-inverted) when reading the ROM.
The other CRC is a 16-bit type, generated according to the standardized CRC16-polynomial function X
16
+ X
15
+ X
2
+ 1. This CRC is used for error detection when reading Data Memory, Status Memory or
when communicating with PIO channels. It is the same type of CRC as is used with NVRAM based
iButtons for error detection within the iButton Extended File Structure. In contrast to the 8-bit CRC, the
16-bit CRC is always returned in the complemented (inverted) form. A CRC-generator inside the DS2406
chip (Figure 17) will calculate a new 16-bit CRC as shown in the command flow chart of Figure 7. The
bus master may compare the CRC value read from the device to the one it calculates from the data and
decides whether to continue with an operation or to re-do the function that returned the CRC error.
When reading the data memory of the DS2406 with the Read Memory command, the 16-bit CRC is only
transmitted at the end of the memory. This CRC is generated by clearing the CRC generator, shifting in
the command, low address, high address and every data byte starting at the first addressed memory
location and continuing until the end of the physical data memory is reached.
When reading the Status Memory, the 16-bit CRC is transmitted at the end of the 8-byte Status Memory
page. The 16-bit CRC will be generated by clearing the CRC generator, shifting in the command byte,
low address, high address and the data bytes beginning at the first addressed memory location and
continuing until the last byte of the Status Memory is reached.
When reading the data memory of the DS2406 with the Extended Read Memory command, there are two
situations where a 16-bit CRC is generated. One 16-bit CRC follows each Redirection Byte; another 16-
bit CRC is transmitted after the last byte of a memory data page is read. The CRC at the end of the
memory page is always the result of clearing the CRC generator and shifting in the data bytes beginning
at the first addressed memory location of the EPROM data page until the last byte of this page. With the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com