Electronic Components Datasheet Search
  English  ▼

X  

DS2502P Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2502P
Description  1 kbit Add-Only Memory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502P Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2502P Datasheet HTML 1Page - Dallas Semiconductor DS2502P Datasheet HTML 2Page - Dallas Semiconductor DS2502P Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
102099
SPECIAL FEATURES
§ 1024 bits, 16 kbits or 64 kbits Electrically
Programmable Read Only Memory (EPROM)
communicates with the economy of one
signal plus ground
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code, 36-bit
serialization, 12-bit UniqueWare identifier
5E7H, 8-bit CRC-tester) assures absolute
traceability because no two parts are alike.
§ Built-in multidrop controller ensures
compatibility with other MicroLAN products
§ EPROM partitioned into 256-bit pages for
randomly accessing packetized data records
§ Each memory page can be permanently write-
protected to prevent tampering
§ Device is an “add only” memory where
additional data can be programmed into
EPROM without disturbing existing data
§ Reduces control, address, data, power and
programming signals to a single pin
§ Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3k bits per second
§ Presence detector acknowledges when reader
first applies voltage
§ Low cost TO-92/PR-35 or 8-pin SOIC and
TSOC surface mount packages
§ Reads over a wide voltage range of 2.8V to
6.0V from -40°C to +85°C
PIN ASSIGNMENT
PIN ASSIGNMENT
TO-92/PR-35
TSOC
SOIC
Pin 1
Ground
Ground
NC
Pin 2
Data
Data
NC
Pin 3
NC
NC
Data
Pin 4
-----
NC
Ground
Pins 5 to 8
-----
NC
NC
SILICON LABEL DESCRIPTION
UniqueWare Add-Only Memories are factory programmed versions of the DS2502 (1024 bit), the
DS2505 (16-kbit) and the DS2506 (64k bit) Add-Only Memories, respectively. They differ from the
regular devices in their custom ROM family codes (see Ordering Information) and the UniqueWare
Identifier 5E7 in place of the upper 12 bits of the standard serialization field. For technical details on the
devices please refer to the DS2502, DS2505 and DS2506 data sheets.
UniqueWare Add-Only Memories are only available preprogrammed with customer-specific and write-
protected data. UniqueWare data fills at least one but no more than the first four pages of a device,
DS2502/5/6-UNW
UniqueWare
TM Add-Only Memory
www.dalsemi.com
8
7
6
5
1
2
3
4
8-Pin SOIC
1
2
3
6
5
4
TOP VIEW
3.7 X 4.0 X 1.5 mm
TSOC PACKAGE
See Mech.
Drawings Section
See Mech.
Drawings Section
TO-92/PR-35
BOTTOM VIEW
See Mech.
Drawings Section
2 3
1


Similar Part No. - DS2502P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2502P DALLAS-DS2502P Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2502P+ MAXIM-DS2502P+ Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
DS2502P+T&R MAXIM-DS2502P+T&R Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
logo
Dallas Semiconductor
DS2502P-E48 DALLAS-DS2502P-E48 Datasheet
142Kb / 2P
48-Bit Node Address Chip
logo
Maxim Integrated Produc...
DS2502P-E48+ MAXIM-DS2502P-E48+ Datasheet
251Kb / 4P
48-Bit Node Address Chip
12/09
More results

Similar Description - DS2502P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
logo
ON Semiconductor
N21C21A ONSEMI-N21C21A Datasheet
454Kb / 16P
1 Kb 1-Wire EPROM Add-Only Memory
June, 2020 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com