Electronic Components Datasheet Search
  English  ▼

X  

DS2502P Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2502P
Description  1 kbit Add-Only Memory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502P Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2502P Datasheet HTML 1Page - Dallas Semiconductor DS2502P Datasheet HTML 2Page - Dallas Semiconductor DS2502P Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS2502/5/6-UNW
3 of 3
102099
SAMPLE 2: EUI-64 FireWire
TM NODE ADDRESS Figure 2a
(unused)
CRC16
Company ID Value
Extension ID Value
Project ID
Length
MSB
LSB
MSB
LSB
MSB
LSB
MSB LSB
17 bytes
2 bytes
3 bytes constant
5 bytes serialization
4 bytes
1 byte
FFH
assigned by IEEE
constant
0CH
high address
low address
PHYSICAL ADDRESS AND DATA MAPPING Figure 2b
ADDRESS
0E
0D
0C
0B
0A
09
08
07
06
05
04
03
02
01
00
DATA
xx
xx
ch
cm
cl
hh
hm
mm
ml
ll
00
00
pp
pp
0C
xx xx = CRC16, value depends on actual data
ch cm cl = high, medium and low byte of the IEEE assigned “Company ID”
hh hm mm ml ll = high, medium and low byte of the “Extension ID” or serialization
pp pp = Project ID assigned by Dallas Semiconductor
FireWire
TM is a trademark of Apple Computer, Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com