Electronic Components Datasheet Search
  English  ▼

X  

DS2760 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2760
Description  High Precision Li-Ion Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2760 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2760 Datasheet HTML 9Page - Dallas Semiconductor DS2760 Datasheet HTML 10Page - Dallas Semiconductor DS2760 Datasheet HTML 11Page - Dallas Semiconductor DS2760 Datasheet HTML 12Page - Dallas Semiconductor DS2760 Datasheet HTML 13Page - Dallas Semiconductor DS2760 Datasheet HTML 14Page - Dallas Semiconductor DS2760 Datasheet HTML 15Page - Dallas Semiconductor DS2760 Datasheet HTML 16Page - Dallas Semiconductor DS2760 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DS2760
13 of 25
EEPROM REGISTER
The format of the EEPROM Register is shown in Figure 11. The function of each bit is described in
detail in the following paragraphs.
EEPROM REGISTER FORMAT Figure – 11
Address 07
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
EEC
LOCK
X
X
X
X
BL1
BL0
EEC – EEPROM Copy Flag. A 1 in this read-only bit indicates that a Copy Data command is in
progress. While this bit is high, writes to EEPROM addresses are ignored. A 0 in this bit indicates that
data may be written to unlocked EEPROM blocks.
LOCK – EEPROM Lock Enable. When this bit is 0, the Lock command is ignored. Writing a 1 to this
bit enables the Lock command. After the Lock command is executed, the LOCK bit is reset to 0.
BL1 – EEPROM Block 1 Lock Flag.
A 1 in this read-only bit indicates that EEPROM Block 1
(addresses 30-3F) is locked (read-only) while a 0 indicates Block 1 is unlocked (read/write).
BL0 – EEPROM Block 0 Lock Flag.
A 1 in this read-only bit indicates that EEPROM Block 0
(addresses 20-2F) is locked (read-only) while a 0 indicates Block 0 is unlocked (read/write).
X – Reserved bits.
SPECIAL FEATURE REGISTER
The format of the Special Feature Register is shown in Figure 12. The function of each bit is described in
detail in the following paragraphs.
SPECIAL FEATURE REGISTER FORMAT Figure – 12
Address 08
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
PS
PIO
MSTR
X
X
X
X
X
PS – PS Pin Mirror. This read-only bit mirrors the state of the PS pin.
PIO – PIO Pin Sense and Control. See the Programmable I/O section for details on this read/write bit.
MSTR - SWAP Master status bit. This bit indicates whether a device has been selected through the
SWAP command. Selection of this device through the SWAP command and the appropriate Net Address
will result in setting this bit, indicating that this device is the master. A 0 signifies that this device is not
the master.
X – Reserved bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com