Electronic Components Datasheet Search
  English  ▼

X  

DS2760 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2760
Description  High Precision Li-Ion Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2760 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2760 Datasheet HTML 1Page - Dallas Semiconductor DS2760 Datasheet HTML 2Page - Dallas Semiconductor DS2760 Datasheet HTML 3Page - Dallas Semiconductor DS2760 Datasheet HTML 4Page - Dallas Semiconductor DS2760 Datasheet HTML 5Page - Dallas Semiconductor DS2760 Datasheet HTML 6Page - Dallas Semiconductor DS2760 Datasheet HTML 7Page - Dallas Semiconductor DS2760 Datasheet HTML 8Page - Dallas Semiconductor DS2760 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DS2760
2 of 25
ORDERING INFORMATION
DS2760E
TSSOP, External Sense
Res., 4.35V VOV
DS2760EA
TSSOP, External Sense
Res., 4.275V VOV
DS2760T
DS2760E on Tape & Reel
DS2760TA
DS2760EA on Tape &
Reel
DS2760E-025
TSSOP, 25 m
Ω Sense
Res., 4.35V VOV
DS2760EA-025
TSSOP, 25 m
Ω Sense
Res., 4.275V VOV
DS2760T-025
DS2760E-025 in Tape &
Reel
DS2760TA-025
DS2760EA-025 in Tape
& Reel
DS2760X
Flipchip, Ext. Sense Res.,
T&R, 4.35V VOV
DS2760XA
Flipchip, Ext. Sense Res.,
T&R, 4.275V VOV
DS2760X-025
Flipchip, 25 m
Ω Sense
Res., T&R, 4.35V VOV
DS2760XA-025
Flipchip, 25 m
Ω Sense
Res., T&R, 4.275V VOV
DESCRIPTION
The DS2760 High Precision Li-Ion Battery Monitor is a data acquisition, information storage, and safety
protection device tailored for cost-sensitive battery pack applications. This low-power device integrates
precise temperature, voltage, and current measurement, nonvolatile data storage, and Li-Ion protection
into the small footprint of either a TSSOP package or flip-chip. The DS2760 is a key component in
applications including remaining capacity estimation, safety monitoring, and battery-specific data storage.
Via its 1-Wire interface, the DS2760 gives the host system read/write access to status and control
registers, instrumentation registers, and general purpose data storage.
Each device has a factory-
programmed 64-bit net address which allows it to be individually addressed by the host system,
supporting multi-battery operation.
The DS2760 is capable of performing temperature, voltage and current measurement to a resolution
sufficient to support process monitoring applications such as battery charge control, remaining capacity
estimation, and safety monitoring. Temperature is measured using an on-chip sensor, eliminating the need
for a separate thermistor. Bi-directional current measurement and accumulation are accomplished using
either an internal 25 m
Ω sense resistor or an external device. The DS2760 also features a programmable
I/O pin that allows the host system to sense and control other electronics in the pack, including switches,
vibration motors, speakers and LEDs.
Three types of memory are provided on the DS2760 for battery information storage: EEPROM, lockable
EEPROM and SRAM. EEPROM memory saves important battery data in true nonvolatile memory that
is unaffected by severe battery depletion, accidental shorts or ESD events. Lockable EEPROM becomes
ROM when locked to provide additional security for unchanging battery data.
SRAM provides
inexpensive storage for temporary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com