Electronic Components Datasheet Search
  English  ▼

X  

A3250LLT Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A3250LLT
Description  Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3250LLT Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A3250LLT Datasheet HTML 8Page - Allegro MicroSystems A3250LLT Datasheet HTML 9Page - Allegro MicroSystems A3250LLT Datasheet HTML 10Page - Allegro MicroSystems A3250LLT Datasheet HTML 11Page - Allegro MicroSystems A3250LLT Datasheet HTML 12Page - Allegro MicroSystems A3250LLT Datasheet HTML 13Page - Allegro MicroSystems A3250LLT Datasheet HTML 14Page - Allegro MicroSystems A3250LLT Datasheet HTML 15Page - Allegro MicroSystems A3250LLT Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Field-Programmable, Chopper-Stabilized,
Unipolar Hall-Effect Switches
A3250 and
A3251
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Application Information
For additional general application information, visit the Allegro
MicroSystems Web site at www. allegromicro.com.
Typical application circuit
Typical Application Circuit
It is strongly recommended that an external ceramic bypass
capacitor, CBYP, in the range of 0.01 μF to 0.1 μF be connected
between the VCC pin and the supply and GND pin to reduce
both external noise and noise generated by the chopper-stabiliza-
tion technique. (The diagram at the right shows CBYP at 0.1 μF.)
CBYP should be installed so that the traces that connect it to the
A3250/A3251 are no greater than 5 mm in length. (For program-
ming the device, the capacitor may be further away from the
device, including mounting on the board used for programming
the device.)
The series resistor RS, in combination with CBYP creates a filter
for EMI pulses. (Additional information on EMC is provided
on the Allegro MicroSystems Web site.) RS will have a drop
of approximately 800 mV. This must be taken into consider-
ation when determining the minimum VCC requirement for the
A3250/A3251. The pull-up resistor, RL, should be chosen to
limit the current through the output transistor; do not exceed the
maximum continuous output current of the device.
GND
A3250/A3251
VCC
V
Supply
0.1
μF
A
R
L
C
BYP
R
S
100
Ω
1.2 k
Ω
5V
VOUT
A
A
Maximum separation 5 mm
from C
BYP to device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com