Electronic Components Datasheet Search
  English  ▼

X  

A3250LLT Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3250LLT
Description  Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3250LLT Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3250LLT Datasheet HTML 1Page - Allegro MicroSystems A3250LLT Datasheet HTML 2Page - Allegro MicroSystems A3250LLT Datasheet HTML 3Page - Allegro MicroSystems A3250LLT Datasheet HTML 4Page - Allegro MicroSystems A3250LLT Datasheet HTML 5Page - Allegro MicroSystems A3250LLT Datasheet HTML 6Page - Allegro MicroSystems A3250LLT Datasheet HTML 7Page - Allegro MicroSystems A3250LLT Datasheet HTML 8Page - Allegro MicroSystems A3250LLT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Description
The A3250 and A3251 are field-programmable, chopper-
stabilized, unipolar Hall-effect switches designed for use in
high-temperature applications. These devices use a chop-
per-stabilization technique to eliminate offset inherent in
single-element devices.
The A3250 and A3251 are externally programmable
devices. The devices have a wide range of programmabil-
ity of the magnetic operate point (BOP) while the hysteresis
remains fixed. This advanced feature allows for optimiza-
tion of the device switchpoint and can drastically reduce
the effects of variations found in a production environment,
such as magnet and device placement tolerances.
These devices provide on-chip transient protection. A Zener
clamp on the power supply protects against overvoltage
conditions on the supply line. These devices also include
short-circuit protection on the output.
The output of the A3250 switches LOW when subjected
to a south-polarity magnetic field with a flux density that
exceeds the threshold for BOP, and switches HIGH when the
field drops below the magnetic release point, BRP. The out-
put of the A3251 has the opposite polarity, switching HIGH
in a south-polarity magnetic field that BOP, and switching
LOW when the field drops below BRP.
3250-DS Rev. 11
Features and Benefits
▪ Chopper stabilization for stable switchpoints throughout
operating temperature range
▪ Externally programmable operate point (through VCC pin)
▪ On-board voltage regulator for 4.2 V to 24 V operation
▪ On-chip protection against:
▫ Supply transients
▫ Output short-circuits
▫ Reverse-battery condition
Field-Programmable, Chopper-Stabilized
Unipolar Hall-Effect Switches
Continued on the next page…
Package: 3-pin SOT89 (suffix LT) and
3-pin SIP (suffix UA)
Functional Block Diagram
Not to scale
A3250 and A3251
Current Limit
Amp
Regulator
Program/Lock
Low-Pass
Filter
VCC
GND
Programming
Logic
Offset Adjust
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com