Electronic Components Datasheet Search
  English  ▼

X  

DS89C420 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS89C420
Description  Ultra-High-Speed Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C420 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS89C420 Datasheet HTML 1Page - Dallas Semiconductor DS89C420 Datasheet HTML 2Page - Dallas Semiconductor DS89C420 Datasheet HTML 3Page - Dallas Semiconductor DS89C420 Datasheet HTML 4Page - Dallas Semiconductor DS89C420 Datasheet HTML 5Page - Dallas Semiconductor DS89C420 Datasheet HTML 6Page - Dallas Semiconductor DS89C420 Datasheet HTML 7Page - Dallas Semiconductor DS89C420 Datasheet HTML 8Page - Dallas Semiconductor DS89C420 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
DS89C420
2 of 59
FEATURES
§ 80C52 compatible
- 8051 pin and instruction-set compatible
- Four bidirectional I/O ports
- Three 16-bit timer counters
- 256 bytes scratchpad RAM
§ On-chip memory
- 16kB flash memory
- In-system programmable through serial
port
- 1kB SRAM for MOVX
§ ROMSIZE feature
- Selects internal program memory size from
0 to 16k
- Allows access to entire external memory
map
- Dynamically adjustable by software
§ High-speed architecture
- 1 clock-per-machine cycle
- DC to 33MHz operation
- Single-cycle instruction in 30ns
- Optional variable length MOVX to access
fast/slow peripherals
- Dual data pointers with auto
increment/decrement and toggle select
- Supports four paged modes
§ Power Management Mode
- Programmable clock divider
- Automatic hardware and software exit
§ Two full-duplex serial ports
§ Programmable watchdog timer
§ 13 interrupt sources (six external)
§ Five levels of interrupt priority
§ Power-fail reset
§ Early warning power-fail interrupt
DETAILED DESCRIPTION
The DS89C420 is pin compatible with all three packages of the standard 8051 and includes standard
resources such as three timer/counters, four 8-bit I/O ports, and a serial port. It features 16kB of in-system
programmable flash memory, which can be programmed in-system from an I/O port using a built-in
program memory loader. It can also be loaded externally using standard commercially available
programmers.
Besides greater speed, the DS89C420 includes 1kB of data RAM, a second full-hardware serial port,
seven additional interrupts, two more levels of interrupt priority, programmable watchdog timer, brown-
out monitor, and power-fail reset. The device also provides dual data pointers (DPTRs) to speed up
block-data memory moves. This feature is further enhanced with a new selectable automatic
increment/decrement and toggle-select operation. The speed of MOVX data memory access can be
adjusted by adding stretch values up to 10 machine cycle times for flexibility in selecting external
memory and peripherals.
A power management mode (PMM) significantly consumes less power by slowing the CPU execution
rate from 1 clock period per cycle to 1024 clock periods per cycle. A selectable switchback feature can
automatically cancel this mode to enable a normal speed response to interrupts.
The EMI reduction feature disables the ALE signal when the processor is not accessing external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com