Electronic Components Datasheet Search
  English  ▼

X  

DS80C320-ENG Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed/Low-Power Micro
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 10Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 11Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 12Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 13Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 14Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 15Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 16Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 17Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
DS80C320/DS80C323
14 of 42
Timer 2. CKCON.4 selects Timer 1 and CKCON.3 selects Timer 0. Note that unless a user desires very
fast timing, it is unnecessary to alter these bits. Note that the timer controls are independent.
POWER-FAIL RESET
The DS80C320/DS80C323 incorporates a precision band- gap voltage reference to determine when VCC is
out of tolerance. While powering up, internal circuits will hold the device in a reset state until VCC rises
above the VRST reset threshold. Once VCC is above this level, the oscillator will begin running. An internal
reset circuit will then count 65536 clocks to allow time for power and the oscillator to stabilize. The
microcontroller will then exit the reset condition. No external components are needed to generate a power
on reset. During power-down or during a severe power glitch, as VCC falls below VRST, the
microcontroller will also generate its own reset. It will hold the reset condition as long as power remains
below the threshold. This reset will occur automatically, needing no action from the user or from the
software. Refer to the Electrical Specifications for the exact value of VRST .
POWER-FAIL INTERRUPT
The same reference that generates a precision reset threshold can also generate an optional early warning
Power- fail Interrupt (PFI). When enabled by the application software, this interrupt always has the
highest priority. On detecting that the VCC has dropped below VPFW and that the PFI is enabled, the
processor will vector to ROM address 0033h. The PFI enable is located in the Watchdog Control SFR
(WDCON - D8h). Setting WDCON.5 to a logic 1 will enable the PFI. The application software can also
read a flag at WDCON.4. This bit is set when a PFI condition has occurred. The flag is independent of
the interrupt enable and software must manually clear it.
WATCHDOG TIMER
For applications that can not afford to run out of control, the DS80C320/DS80C323 incorporates a
programmable watchdog timer circuit. It resets the microcontroller if software fails to reset the watchdog
before the selected time interval has elapsed. The user selects one of four timeout values. After enabling
the watchdog, software must reset the timer prior to expiration of the interval, or the CPU will be reset.
Both the Watchdog Enable and the Watchdog Reset bits are protected by a “Timed Access” circuit. This
prevents accidentally clearing the watchdog. Timeout values are precise since they are related to the
crystal frequency as shown below in Table 4. For reference, the time periods at 25 MHz are also shown.
The watchdog timer also provides a useful option for systems that may not require a reset. If enabled,
then 512 clocks before giving a reset, the watchdog will give an interrupt. The interrupt can also serve as
a convenient time-base generator, or be used to wake-up the processor from Idle mode. The watchdog
function is controlled in the Clock Control (CKCON - 8Eh), Watchdog Control (WDCON - D8h), and
Extended Interrupt Enable (EIE - E8h) SFRs. CKCON.7 and CKCON.6 are called WD1 and WD0
respectively and are used to select the watchdog timeout period as shown in Table 4.
WATCHDOG TIMEOUT VALUES Table 4
INTERRUPT
TIME
RESET
TIME
WD1
WD0
TIMEOUT
(@25 MHz)
TIMEOUT
(@25 MHz)
0
0
2
17 clocks
5.243 ms
2
17 + 512 clocks
5.263 ms
j
0
1
2
20 clocks
41.94 ms
2
20 + 512 clocks
41.96 ms
1
0
2
23 clocks
335.54 ms
2
23 + 512 clocks
335.56 ms
1
1
2
26 clocks
2684.35 ms
2
26 + 512 clocks
2684.38 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com